Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT16500A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVT16500A
Description  3.3 V 18-bit universal bus transceiver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16500A Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVT16500A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT16500A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74LVT16500A_3
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 29 May 2006
3 of 19
Philips Semiconductors
74LVT16500A
3.3 V 18-bit universal bus transceiver; 3-state
Fig 3.
Logic diagram
001aaf035
54
A0
1D
C1
to 17 other channels
CLK
1D
B0
3
OEBA
27
CPBA
30
LEBA
28
LEAB
2
CPAB
55
OEAB
1
C1
CLK


Similar Part No. - 74LVT16500A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16500ADGG PHILIPS-74LVT16500ADGG Datasheet
81Kb / 14P
   3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16500ADGG PHILIPS-74LVT16500ADGG Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500ADGG NEXPERIA-74LVT16500ADGG Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVT16500ADL PHILIPS-74LVT16500ADL Datasheet
81Kb / 14P
   3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16500ADL PHILIPS-74LVT16500ADL Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
More results

Similar Description - 74LVT16500A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16500A PHILIPS-74LVT16500A_06 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A_06 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
74LVT16501A PHILIPS-74LVT16501A_15 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501A NEXPERIA-74LVT16501A Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
logo
Texas Instruments
SN74LVTH16500-EP TI1-SN74LVTH16500-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI-SN54ALVTH16601 Datasheet
196Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI1-SN54ALVTH16601_08 Datasheet
468Kb / 18P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com