Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT573 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVT573
Description  3.3 V octal D-type transparent latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT573 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVT573_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 9Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 10Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 11Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74LVT573
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 22 November 2011
8 of 17
NXP Semiconductors
74LVT573
3.3 V octal D-type transparent latch; 3-state
11. Waveforms
Measurement points are given in Table 8.
Measurement points are given in Table 8.
Fig 6.
Propagation delays latch enable input (LE) to
output (Qn), and latch enable (LE) pulse width
Fig 7.
Propagation delay data input (Dn) to
output (Qn)
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur
with the output load.
Measurement points are given in Table 8.
Fig 8.
Output enable time to HIGH-state and output
disable time from HIGH-state
Fig 9.
Output enable time to LOW-state and output
disable time from LOW-state
Measurement points are given in Table 8.
Remark: The shaded areas indicate when the input is permitted to change for predictable output performance.
Fig 10. Data setup and hold times for data (Dn) and latch enable (LE) inputs
001aai743
LE input
Qn output
tPHL
tPLH
tWH
VM
VOH
VI
0 V
VOL
VM
tWL
001aai742
Dn input
Qn output
tPHL
tPLH
0 V
VI
VM
VM
VOH
VOL
Qn output
001aai745
OE input
VM
VI
VOH
0 V
0 V
tPZH
tPHZ
VY
VM
VM
001aai746
tPZL
tPLZ
VM
VM
VM
Qn output
OE input
VI
VOL
3.0 V
VX
0 V
001aai744
th(L)
tsu(L)
th(H)
tsu(H)
VM
VM
VI
0 V
VI
0 V
LE input
Dn input
Table 8.
Measurement points
Input
Output
VM
VM
VX
VY
1.5V
1.5V
VOL + 0.3 V
VOH  0.3 V


Similar Part No. - 74LVT573_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT573BQ NXP-74LVT573BQ Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Nexperia B.V. All right...
74LVT573BQ NEXPERIA-74LVT573BQ Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
logo
NXP Semiconductors
74LVT573D PHILIPS-74LVT573D Datasheet
99Kb / 12P
   3.3V Octal D-type transparent latch 3-State
1998 Feb 19
74LVT573D NXP-74LVT573D Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Nexperia B.V. All right...
74LVT573D NEXPERIA-74LVT573D Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
More results

Similar Description - 74LVT573_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT573 NEXPERIA-74LVT573 Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
logo
NXP Semiconductors
74LVT573 NXP-74LVT573 Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Texas Instruments
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com