Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25100 Datasheet(PDF) 29 Page - Texas Instruments

Part # BQ25100
Description  bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25100 Datasheet(HTML) 29 Page - Texas Instruments

Back Button BQ25100_15 Datasheet HTML 24Page - Texas Instruments BQ25100_15 Datasheet HTML 25Page - Texas Instruments BQ25100_15 Datasheet HTML 26Page - Texas Instruments BQ25100_15 Datasheet HTML 27Page - Texas Instruments BQ25100_15 Datasheet HTML 28Page - Texas Instruments BQ25100_15 Datasheet HTML 29Page - Texas Instruments BQ25100_15 Datasheet HTML 30Page - Texas Instruments BQ25100_15 Datasheet HTML 31Page - Texas Instruments BQ25100_15 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
BQ25100AYFPR
DSBGA
YFP
6
3000
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25100AYFPT
DSBGA
YFP
6
250
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25100HYFPR
DSBGA
YFP
6
3000
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25100HYFPT
DSBGA
YFP
6
250
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25100YFPR
DSBGA
YFP
6
3000
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25100YFPT
DSBGA
YFP
6
250
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25101HYFPR
DSBGA
YFP
6
3000
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25101HYFPT
DSBGA
YFP
6
250
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25101YFPR
DSBGA
YFP
6
3000
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
BQ25101YFPT
DSBGA
YFP
6
250
180.0
8.4
0.98
1.68
0.59
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
27-Jul-2015
Pack Materials-Page 1


Similar Part No. - BQ25100_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25100 TI1-BQ25100_16 Datasheet
1Mb / 32P
[Old version datasheet]   75-nA Battery Leakage
More results

Similar Description - BQ25100_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25100A TI-BQ25100A_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100H TI-BQ25100H_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25101H TI-BQ25101H_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25101 TI-BQ25101_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery
logo
ACE Technology Co., LTD...
ACE4559P ACE-ACE4559P Datasheet
613Kb / 15P
   150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
VER 1.1
logo
Texas Instruments
BQ25100 TI1-BQ25100_16 Datasheet
1Mb / 32P
[Old version datasheet]   75-nA Battery Leakage
BQ25100B TI1-BQ25100B Datasheet
1Mb / 34P
[Old version datasheet]   75-nA Battery Leakage
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
   1-Cell Li-Ion Battery Manager
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ25170 TI-BQ25170 Datasheet
556Kb / 10P
[Old version datasheet]   BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com