Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9ZXL1231 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9ZXL1231
Description  Space-saving 64 VFQFPN package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1231 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9ZXL1231 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 10Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 11Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 12Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 13Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DB1200ZL 12-OUTPUT LOW POWER HCSL BUFFER
10
REVISION F 07/14/15
9ZXL1231 DATASHEET
Electrical Characteristics–Phase Jitter Parameters
TAMB = TCOM or TIND, unless noted., Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX IND.LIMIT
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
34
45.1
86
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
1.2
1.43
3
ps
(rms)
1,2
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
2.2
2.63
3.1
ps
(rms)
1,2
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.5
0.59
1
ps
(rms)
1,2,4
QPI & SMI
(100MHz or 133MHz, 4.8Gb/s, 6.4Gb/s 12UI)
0.24
0.32
0.5
ps
(rms)
1,4
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.14
0.23
0.3
ps
(rms)
1,4
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.12
0.18
0.2
ps
(rms)
1,4
tjphPCIeG1
PCIe Gen 1
3.7
5.1
n/a
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.1
0.2
n/a
ps
(rms)
1,2,5
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
0.4
0.5
n/a
ps
(rms)
1,2,5
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4 or 2-5 MHz, CDR = 10MHz)
0.0
0.1
n/a
ps
(rms)
1,2,4,5
QPI & SMI
(100MHz or 133MHz, 4.8Gb/s, 6.4Gb/s 12UI)
0.14
0.2
n/a
ps
(rms)
1,4,5
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.00
0.01
n/a
ps
(rms)
1,4,5
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.00
0.01
n/a
ps
(rms)
1,4,5
1 Applies to all outputs.
5 For RMS figures, additive jitter is calculated by solving the following equation: Additive jitter = SQRT[(total jittter)^2 - (input jitter)^2]
2 See http://www.pcisig.com for complete specs
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 Calculated from Intel-supplied Clock Jitter Tool v 1.6.3
Phase Jitter, PLL Mode
tjphPCIeG2
tjphQPI_SMI
Additive
Phase Jitter,
Bypass mode
tjphPCIeG2
tjphQPI_SMI


Similar Part No. - 9ZXL1231

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1231 IDT-9ZXL1231 Datasheet
193Kb / 18P
   12-output DB1200ZL
logo
Renesas Technology Corp
9ZXL1231 RENESAS-9ZXL1231 Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
logo
Integrated Device Techn...
9ZXL1231AKILF IDT-9ZXL1231AKILF Datasheet
193Kb / 18P
   12-output DB1200ZL
logo
Renesas Technology Corp
9ZXL1231AKILF RENESAS-9ZXL1231AKILF Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
logo
Integrated Device Techn...
9ZXL1231AKILFT IDT-9ZXL1231AKILFT Datasheet
193Kb / 18P
   12-output DB1200ZL
More results

Similar Description - 9ZXL1231

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251 Datasheet
377Kb / 20P
   Space-saving 64-pin VFQFPN package
9ZX21200 IDT-9ZX21200 Datasheet
220Kb / 17P
   Space-saving 56-pin package
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Texas Instruments
LP3982ILD-ADJ TI-LP3982ILD-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   MAX8860 Pin, Package and Spec. Compatible, WSON Space Saving Package
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426 Datasheet
379Kb / 25P
   64-pin TSSOP and VFQFPN packages
logo
STEGO Elektrotechnik Gm...
HV031 STEGO-HV031 Datasheet
1Mb / 1P
   SPACE-SAVING FAN HEATER
08.09.2021
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
   For space saving application
logo
STEGO Elektrotechnik Gm...
HVI030 STEGO-HVI030 Datasheet
265Kb / 1P
   SPACE-SAVING FAN HEATER
19.03.2019
logo
Maxim Integrated Produc...
MAX15020EVKIT MAXIM-MAX15020EVKIT Datasheet
417Kb / 7P
   Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
logo
Texas Instruments
PT6937A TI-PT6937A Datasheet
446Kb / 14P
[Old version datasheet]   Internal Sequencing Short Circuit Protection 23-pin Space-Saving Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com