Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX398 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX398
Description  Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX398 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX398 Datasheet HTML 1Page - Maxim Integrated Products MAX398 Datasheet HTML 2Page - Maxim Integrated Products MAX398 Datasheet HTML 3Page - Maxim Integrated Products MAX398 Datasheet HTML 4Page - Maxim Integrated Products MAX398 Datasheet HTML 5Page - Maxim Integrated Products MAX398 Datasheet HTML 6Page - Maxim Integrated Products MAX398 Datasheet HTML 7Page - Maxim Integrated Products MAX398 Datasheet HTML 8Page - Maxim Integrated Products MAX398 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
4
_______________________________________________________________________________________
VCOM = 4.5V,
VNO = 4.5V,
V+ = 5.5V
-20
20
ICOM(ON)
COM-On Leakage Current
(Note 8)
-2.5
2.5
-0.2
0.2
-40
40
-5
5
nA
VCOM = 4.5V,
VNO = 0V,
V+ = 5.5V
-0.4
0.4
TA = TMIN
to TMAX
TA = TMIN
to TMAX
MAX399
VCOM = 4.5V,
VNO = 0V,
V+ = 5.5V
MAX398
M
C, E
TA = +25°C
M
C, E
TA = +25°C
CONDITIONS
-10
10
ICOM(OFF)
COM-Off Leakage Current
(Note 8)
-1.5
1.5
-0.2
0.2
-20
20
-2.5
2.5
nA
-0.2
0.2
150
225
V
V-
V+
VCOM, VNO
Analog Signal Range
-10
10
INO(OFF)
NO-Off Leakage Current
(Note 8)
-1.0
1.0
nA
-0.1
0.1
15
22
RFLAT
On-Resistance Flatness
280
RON
On-Resistance
11
13
∆RON
RON Matching Between
Channels (Note 4)
10
18
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA = TMIN
to TMAX
TA = TMIN
to TMAX
TA = TMIN
to TMAX
MAX399
VNO = 4.5V, VCOM = 0V,
V+ = 5.5V
MAX398
INO = 1mA; VCOM = 3V, 2V, 1V;
V+ = 5V
INO = 1mA, VCOM = 3.5V,
V+ = 4.5V
INO = 1mA, VCOM = 3.5V,
V+ = 4.5V
TA = +25°C
(Note 3)
M
C, E
M
C, E
TA = +25°C
M
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
C, E
TA = +25°C
TA = +25°C
V
TA = TMIN to TMAX
TA = TMIN to TMAX
µA
VA = 0V
VEN = 0.8V
VA = VEN = 2.4V
µA
-0.1
0.1
IAH, IENH
V
2.4
VAH, VENH
Logic High Input Voltage
-1.0
1.0
IGND
IGND Supply Current
V
315
Power-Supply Range
µA
-1.0
1.0
I+
Positive Supply Current
µA
-1.0
1.0
I-
Negative Supply Current
µA
-1.0
1.0
Input Current with
Input Voltage High
-0.1
0.1
0.8
VAL, VENL
Logic Low Input Voltage
IAL, IENL
Input Current with
Input Voltage Low
VEN = V+, 0V; VA = 0V;
V+ = 5.5V; V- = 0V
TA = TMIN to TMAX
VEN = VA = 0V, V+; V+ = 5.5V; V- = 0V
VEN = VA = 0V, V+; V+ = 5.5V; V- = 0V
TA = +25°C
ELECTRICAL CHARACTERISTICS—Single 5V
(V+ = 5V ±10%, V- = 0V, GND = 0V, VAH = VENH = +2.4V, VAL = VENL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
SWITCH
DIGITAL LOGIC INPUT
SUPPLY


Similar Part No. - MAX398

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3980 MAXIM-MAX3980 Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3980UGH MAXIM-MAX3980UGH Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3980UTH++ MAXIM-MAX3980UTH+ Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3981 MAXIM-MAX3981 Datasheet
362Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
MAX3981 MAXIM-MAX3981 Datasheet
510Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
More results

Similar Description - MAX398

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
MAX396 MAXIM-MAX396_V01 Datasheet
1Mb / 14P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
2016
MAX4518 MAXIM-MAX4518 Datasheet
170Kb / 12P
   Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 5/98
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com