Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24298 Datasheet(PDF) 15 Page - Texas Instruments

Part # BQ24298
Description  bq24298 I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24298 Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ24298_15 Datasheet HTML 11Page - Texas Instruments BQ24298_15 Datasheet HTML 12Page - Texas Instruments BQ24298_15 Datasheet HTML 13Page - Texas Instruments BQ24298_15 Datasheet HTML 14Page - Texas Instruments BQ24298_15 Datasheet HTML 15Page - Texas Instruments BQ24298_15 Datasheet HTML 16Page - Texas Instruments BQ24298_15 Datasheet HTML 17Page - Texas Instruments BQ24298_15 Datasheet HTML 18Page - Texas Instruments BQ24298_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
bq24298
www.ti.com
SLUSC59 – APRIL 2015
8.3 Feature Description
8.3.1 Device Power Up
8.3.1.1 Power-On-Reset (POR)
The internal bias circuits are powered from the higher voltage of VBUS and BAT. When VBUS or VBAT rises
above UVLOZ, the sleep comparator, battery depletion comparator and BATFET driver are active. I2C interface
is ready for communication and all the registers are reset to default value. The host can access all the registers
after POR.
8.3.1.2 Power Up from Battery without DC Source
If only battery is present and the voltage is above depletion threshold (VBAT_DEPL), the BATFET turns on and
connects battery to system. The REGN LDO stays off to minimize the quiescent current. The low RDSON in
BATFET and the low quiescent current on BAT minimize the conduction loss and maximize the battery run time.
8.3.1.2.1
BATFET Turn Off
The BATFET can be forced off by the host through I2C REG07[5] with a typical 9 s delay. This bit allows the user
to independently turn off the BATFET when the battery condition becomes abnormal during charging. When
BATFET is off, there is no path to charge or discharge the battery. When battery is not attached, the BATFET
should be turned off by setting REG07[5] to 1 to disable charging and supplement mode.
8.3.1.2.2
Shipping Mode
To extend battery life and minimize power when system is powered off during system idle, shipping, or storage,
the device can turn off BATFET so that the system voltage is zero to minimize the leakage. The BATFET can be
turned off by setting REG07[5] (BATFET_DISABLE) bit.
In order to keep BATFET off during shipping mode, the host has to disable the watchdog timer (REG05[5:4] =
00) and disable BATFET (REG07[5] = 1) at the same time. Once the BATFET is disabled, one of the following
events can turn on BATFET and clear REG07[5] (BATFET_DISABLE) bit.
1. Plug in adapter
2. Write REG07[5] = 0
3. watchdog timer expiration
4. Register reset (REG01[7] = 1)
5. A logic high to low transition on QON pin with longer than tQON_ON_1 0.6s to 1.5s typically deglitch turns on
BATFET and exit shipping mode.
8.3.1.2.3
BATFET System Reset
When QON is driven to logic low by at least tQON_RST 12.5s typically while VBUS is not plugged in and
BATFET_DISABLE = 0, the BATFET is turned off for tBATFET_RST which is usually between 250ms and 400ms.
The BATFET is re-enabled after tBATFET_RST duration. This function allows systems connected to SYS to have
power-on-reset. This function can be disabled by setting BATFET_RST_EN bit to 0.
8.3.1.3 Power Up from DC Source
When the DC source plugs in, the charger device checks the input source voltage to turn on REGN LDO and all
the bias circuits. It also checks the input current limit before starts the buck converter.
8.3.1.3.1
REGN LDO
The REGN LDO supplies internal bias circuits as well as the HSFET and LSFET gate drive. The LDO also
provides bias rail to TS external resistors. The pull-up rail of STAT and PG (bq24298)can be connected to REGN
as well.
The REGN is enabled when all the conditions are valid.
1. VBUS above VVBUS_UVLOZ
2. VBUS above VBAT + VSLEEPZ in buck mode or VBUS below VBAT + VSLEEP in boost mode
3. After typical 220-ms delay (100 ms minimum) is complete
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: bq24298


Similar Part No. - BQ24298_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24298RTWR TI1-BQ24298RTWR Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24298RTWT TI1-BQ24298RTWT Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
More results

Similar Description - BQ24298_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24297 TI-BQ24297_15 Datasheet
1Mb / 55P
[Old version datasheet]   bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24296 TI-BQ24296_15 Datasheet
1Mb / 55P
[Old version datasheet]   bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com