Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24298 Datasheet(PDF) 33 Page - Texas Instruments

Part # BQ24298
Description  bq24298 I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24298 Datasheet(HTML) 33 Page - Texas Instruments

Back Button BQ24298_15 Datasheet HTML 29Page - Texas Instruments BQ24298_15 Datasheet HTML 30Page - Texas Instruments BQ24298_15 Datasheet HTML 31Page - Texas Instruments BQ24298_15 Datasheet HTML 32Page - Texas Instruments BQ24298_15 Datasheet HTML 33Page - Texas Instruments BQ24298_15 Datasheet HTML 34Page - Texas Instruments BQ24298_15 Datasheet HTML 35Page - Texas Instruments BQ24298_15 Datasheet HTML 36Page - Texas Instruments BQ24298_15 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
bq24298
www.ti.com
SLUSC59 – APRIL 2015
8.6.1.5 Charge Voltage Control Register REG04 [reset = 10110010, or 0xB2]
Figure 31. Charge Voltage Control Register REG04 Format
7
6
5
4
3
2
1
0
VREG[5]
VREG[4]
VREG[3]
VREG[2]
VREG[1]
VREG[0]
BATLOWV
VRECHG
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write
Table 10. Charge Voltage Control Register REG04 Field Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
NOTE
Charge Voltage Limit
Bit 7
VREG[5]
R/W
1
512 mV
Offset: 3.504 V
Range: 3.504 V – 4.400 V
Bit 6
VREG[4]
R/W
0
256 mV
Default: 4.208 V
Bit 5
VREG[3]
R/W
1
128 mV
Bit 4
VREG[2]
R/W
1
64 mV
Bit 3
VREG[1]
R/W
1
32 mV
Bit 2
VREG[0]
R/W
1
16 mV
Bit 1
BATLOWV
R/W
1
0 – 2.8 V, 1 – 3.0 V
Default: 3.0 V (1) (pre-charge to fast charge)
Battery Recharge Threshold (below battery regulation voltage)
Bit 0
VRECHG
R/W
0
0 – 100 mV, 1 – 300 mV
Default: 100 mV (0)
8.6.1.6 Charge Termination/Timer Control Register REG05 [reset = 11011100, or 0xDC]
Figure 32. Charge Termination/Timer Control Register REG05 Format
7
6
5
4
3
2
1
0
EN_TERM
Reserved
WATCHDOG[1] WATCHDOG[0]
EN_TIMER
CHG_TIMER[1] CHG_TIMER[0]
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write
Table 11. Charge Termination/Timer Control Register REG05 Field Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
NOTE
Charging Termination Enable
Bit 7
EN_TERM
R/W
1
0 – Disable, 1 – Enable
Default: Enable termination (1)
Default: Enable (1)
BATFET_RST_
Bit 6
R/W
1
0 – Disable, 1 – Enable
This bit will only be reset to default value upon
EN
power-on-reset and soft reset (i.e. REG01[7]).
I2C Watchdog Timer Setting
Bit 5
WATCHDOG[1]
R/W
0
00 – Disable timer, 01 – 40 s, 10 –
Default: 40 s (01)
80 s, 11 – 160 s
Bit 4
WATCHDOG[0]
R/W
1
Charging Safety Timer Enable
Bit 3
EN_TIMER
R/W
1
0 – Disable, 1 – Enable
Default: Enable (1)
Fast Charge Timer Setting
Bit 2
CHG_TIMER[1]
R/W
0
00 – 5 hrs, 01 – 8 hrs, 10 – 12 hrs,
Default: 12 hrs (10)
11 – 20 hrs
(See Charging Safety Timer for details)
Bit 1
CHG_TIMER[0]
R/W
1
Bit 0
Reserved
R/W
0
0 - Reserved
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: bq24298


Similar Part No. - BQ24298_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24298RTWR TI1-BQ24298RTWR Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24298RTWT TI1-BQ24298RTWT Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
More results

Similar Description - BQ24298_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24297 TI-BQ24297_15 Datasheet
1Mb / 55P
[Old version datasheet]   bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24296 TI-BQ24296_15 Datasheet
1Mb / 55P
[Old version datasheet]   bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com