Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGV0631C Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 9FGV0631C
Description  Outputs can optionally be supplied from any voltage
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0631C Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 9FGV0631C Datasheet HTML 7Page - Integrated Device Technology 9FGV0631C Datasheet HTML 8Page - Integrated Device Technology 9FGV0631C Datasheet HTML 9Page - Integrated Device Technology 9FGV0631C Datasheet HTML 10Page - Integrated Device Technology 9FGV0631C Datasheet HTML 11Page - Integrated Device Technology 9FGV0631C Datasheet HTML 12Page - Integrated Device Technology 9FGV0631C Datasheet HTML 13Page - Integrated Device Technology 9FGV0631C Datasheet HTML 14Page - Integrated Device Technology 9FGV0631C Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
REVISION A 09/30/14
11
6-O/P 1.8V PCIE GEN 1-2-3 CLOCK GENERATOR
9FGV0631C DATASHEET
Recommended Crystal Characteristics (3225 package)
SMBus Table: Revision and Vendor ID Register
Byte 5
Name
Control Function
Type
0
1
Default
Bit 7
RID3
R
0
Bit 6
RID2
R
0
Bit 5
RID1
R
0
Bit 4
RID0
R
1
Bit 3
VID3
R
0
Bit 2
VID2
R
0
Bit 1
VID1
R
0
Bit 0
VID0
R
1
SMBus Table: Device Type/Device ID
Byte 6
Name
Control Function
Type
0
1
Default
Bit 7
Device Type1
R
0
Bit 6
Device Type0
R
0
Bit 5
Device ID5
R
0
Bit 4
Device ID4
R
0
Bit 3
Device ID3
R
0
Bit 2
Device ID2
R
1
Bit 1
Device ID1
R
1
Bit 0
Device ID0
R
0
SMBus Table: Byte Count Register
Byte 7
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
0
Bit 1
BC1
RW
0
Bit 0
BC0
RW
0
C rev = 0001
Revision ID
Writing to this register will configure how
many bytes will be read back, default is
= 8 bytes.
VENDOR ID
Byte Count Programming
Reserved
00 = FGx, 01 = DBx ZDB/FOB,
10 = DMx, 11= DBx FOB
Reserved
Device Type
000110 binary or 06 hex
Device ID
Reserved
0001 = IDT
PARAMETER
VALUE
UNITS
NOTES
Frequency
25
MHz
1
Resonance Mode
Fundamental
-
1
Frequency Tolerance @ 25°C
±20
PPM Max
1
Frequency Stability, ref @ 25°C Over
Operating Temperature Range
±20
PPM Max
1
Temperature Range (commerical)
0~70
°C
1
Temperature Range (industrial)
-40~85
°C
2
Equivalent Series Resistance (ESR)
50
Ω Max
1
Shunt Capacitance (CO)7
pF Max
1
Load Capacitance (CL)8
pF Max
1
Drive Level
0.3
mW Max
1
Aging per year
±5
PPM Max
1
Notes:
1. IDT 603-25-150JA4C or FOX 603-25-150.
2. For I-temp, IDT 603-25-150JA4I or FOX 603-25-261.


Similar Part No. - 9FGV0631C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGV0631C RENESAS-9FGV0631C Datasheet
648Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0631CKILF IDT-9FGV0631CKILF Datasheet
207Kb / 15P
   6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGV0631CKILF RENESAS-9FGV0631CKILF Datasheet
648Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0631CKILFT IDT-9FGV0631CKILFT Datasheet
207Kb / 15P
   6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGV0631CKILFT RENESAS-9FGV0631CKILFT Datasheet
648Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
JUNE 6, 2019
More results

Similar Description - 9FGV0631C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0831 IDT-9FGV0831 Datasheet
209Kb / 16P
   Outputs can optionally be supplied from any voltage
logo
Micross Components
AS8F2M32 MICROSS-AS8F2M32 Datasheet
530Kb / 12P
   Any combination of Sectors can be Erased
logo
PHOENIX CONTACT
3012335 PHOENIX-3012335 Datasheet
52Kb / 2P
   Can be aligned without any loss of pitch
logo
Integrated Circuit Syst...
9DB1233 ICST-9DB1233 Datasheet
187Kb / 15P
   SMBus Interface/unused outputs can be disabled
9DB433 ICST-9DB433 Datasheet
231Kb / 17P
   SMBus Interface; unused outputs can be disabled
9DB633 ICST-9DB633 Datasheet
199Kb / 14P
   SMBus Interface/unused outputs can be disabled
9DB833 ICST-9DB833 Datasheet
240Kb / 18P
   SMBus Interface; unused outputs can be disabled
logo
World Produts Inc.
WPANT10022-C2D WPI-WPANT10022-C2D Datasheet
277Kb / 3P
   This stamped metal PIFA Antenna can be installed inside any wireless device
logo
STMicroelectronics
AN1934 STMICROELECTRONICS-AN1934 Datasheet
808Kb / 32P
   This circuit can be used to produce multiple outputs
logo
Ultralife Corporation.
CH0003 ULTRALIFE-CH0003 Datasheet
254Kb / 1P
   Allows operation from nearly any AC or DC power source likely to be encountered worldwide
11 NOV 19 Rev: K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com