Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGV0431 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # 9FGV0431
Description  Programmable Slew rate for each output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0431 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button 9FGV0431 Datasheet HTML 7Page - Integrated Device Technology 9FGV0431 Datasheet HTML 8Page - Integrated Device Technology 9FGV0431 Datasheet HTML 9Page - Integrated Device Technology 9FGV0431 Datasheet HTML 10Page - Integrated Device Technology 9FGV0431 Datasheet HTML 11Page - Integrated Device Technology 9FGV0431 Datasheet HTML 12Page - Integrated Device Technology 9FGV0431 Datasheet HTML 13Page - Integrated Device Technology 9FGV0431 Datasheet HTML 14Page - Integrated Device Technology 9FGV0431 Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
9FGV0431
4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
IDT®
4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
14
9FGV0431
REV D 022613
Revision History
Rev.
Issue Date
Intiator Description
Page #
A
8/14/2012
RDW
1. Changed Description, Recommended Application and DS title to say
"Clock Generator" instead of "Frequency Generator"
2. Changed Output Features text.
3. Highlighted the standby power pins in the pinout (pins 4,5,8)
4. Added footnote 1 to Power Management Table
3. Cleaned up the Test Load Diagrams and merged with Alternate
Terminations Diagram, added missing REF diagram.
4. Updated electrical tables with char data, removed "Clock Periods-Single-
ended Outputs" table which was redundant. Updated footnote two on Clock
Periods Table.
5. Changed integration range for phase jitter calculation of REF from
"12kHz to 20MHz" to "12kHz to 5MHz"
6. Corrected Byte 6
7. Added Thermal Data and Recommended Crystal tables
8. Move to final.
1,2,4,5-
8,11-13
B
10/3/2012
RDW
Pin description for pin named "VDDREF1.8" is unclear due to
typographical error. The pin description for pin with this name is currently,
VDD for REF output. 1.8V nominal 3.3V.
The correct description should
be "VDD for REF output. nominal 1.8V."
3
C
12/20/2012
AT
Changed VIH min. from 0.65*VDD to 0.75*VDD, VIM min. from 0.35*VDD
to 0.4*VDD and max. from 0.65*VDD to 0.6*VDD, and VIL max. from
0.35*VDD to 0.25*VDD
6
D
1/21/2013
RDW
Minor adjustments to electrical tables as follows:
1. DIF output slew rate limits adjusted from 2~4 and 1~3 V/ns to 2.6~4.6
and 1.5~3.5V/ns.
2. REF duty cycle and duty cycle distortion values were swapped and are
corrected.
3. Typical values of many parameters slightly adjusted.
5-8
D
2/26/2013
RDW
Corrected typo in industrial temp rating in ordering information; added "-" to
40.
13


Similar Part No. - 9FGV0431

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0431 IDT-9FGV0431 Datasheet
224Kb / 15P
   4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0431 RENESAS-9FGV0431 Datasheet
693Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0431AKILF IDT-9FGV0431AKILF Datasheet
224Kb / 15P
   4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
9FGV0431AKILF IDT-9FGV0431AKILF Datasheet
289Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0431AKILF RENESAS-9FGV0431AKILF Datasheet
693Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
More results

Similar Description - 9FGV0431

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841 Datasheet
207Kb / 16P
   Programmable Slew rate for each output
9FGV0841 IDT-9FGV0841 Datasheet
212Kb / 16P
   Programmable Slew rate for each output
9FGU0631 IDT-9FGU0631 Datasheet
201Kb / 15P
   Programmable Slew rate for each output
9FGU0431 IDT-9FGU0431 Datasheet
199Kb / 15P
   Programmable Slew rate for each output
9FGU0641 IDT-9FGU0641 Datasheet
211Kb / 15P
   Programmable Slew rate for each output
9FGU0831 IDT-9FGU0831 Datasheet
191Kb / 16P
   Programmable Slew rate for each output
9FGV0231 IDT-9FGV0231 Datasheet
223Kb / 15P
   Programmable Slew rate for each output
9FGV0241 IDT-9FGV0241 Datasheet
230Kb / 15P
   Programmable Slew rate for each output
9FGV0441 IDT-9FGV0441 Datasheet
230Kb / 15P
   Programmable Slew rate for each output
9DBV0931 IDT-9DBV0931 Datasheet
208Kb / 17P
   Programmable Slew rate for each output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com