Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX394 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX394
Description  Low-Voltage, Quad, SPDT, CMOS Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX394 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX394 Datasheet HTML 2Page - Maxim Integrated Products MAX394 Datasheet HTML 3Page - Maxim Integrated Products MAX394 Datasheet HTML 4Page - Maxim Integrated Products MAX394 Datasheet HTML 5Page - Maxim Integrated Products MAX394 Datasheet HTML 6Page - Maxim Integrated Products MAX394 Datasheet HTML 7Page - Maxim Integrated Products MAX394 Datasheet HTML 8Page - Maxim Integrated Products MAX394 Datasheet HTML 9Page - Maxim Integrated Products MAX394 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Low-Voltage, Quad, SPDT,
CMOS Analog Switch
6
_______________________________________________________________________________________
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
CONDITIONS
Input Current with Input
Voltage Low
IINL
µA
Negative Supply Current
I-
-1.0
-0.01
1.0
µA
Positive Supply Current
I+
-1.0
0.01
1.0
µA
All channels on or off, VIN = 0V or V+,
V+ = 3.6V, V- = 0V
All channels on or off, VIN = 0V or V+,
V+ = 3.6V, V- = 0V
VIN = 0.8V, all others = 2.4V
-1.0
0.005
1.0
ELECTRICAL CHARACTERISTICS—Single +3.3V Supply (continued)
(V+ = 3.0V to 3.6V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Power-Supply Range
V+
2.7
16
V
Input Current with Input
Voltage High
IINH
µA
VIN = 2.4V, all others = 0.8V
-1.0
0.005
1.0
Turn-On Time (Note 3)
tON
400
ns
VCOM = 1.5V, Figure 2
Turn-Off Time (Note 3)
tOFF
150
ns
VCOM = 1.5V, Figure 2
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
Break-Before-Make Delay
(Note 3)
Charge Injection (Note 3)
VCTE
15
pC
CL = 1.0nF, VGEN = 0V,
RGEN = 0Ω, Figure 6
tD
520
ns
Figure 5
DIGITAL LOGIC INPUT
DYNAMIC
SUPPLY
Note 2:
The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3:
Guaranteed by design.
Note 4:
∆RON = ∆RON(max) - ∆RON(min). On-resistance match between channels and flatness are guaranteed only with
specified voltages. Flatness is defined as the difference between the maximum and minimum value of on-resistance as
measured over the specified analog signal range.
Note 5:
Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at room temperature.
Note 6:
See Figure 6. Off isolation = 20log10 VCOM/VNC or VNO, VCOM = output, VNC or NO = input to off switch.
Note 7:
Between any two switches. See Figure 3.
Note 8:
Leakage testing at single supply is guaranteed by testing with dual supplies.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MAX333A Precision Quad SPDT CMOS Analog Switch 1  2  3  4  5  More Maxim Integrated Products
MAX333 Quad SPDT CMOS Analog Switch 1  2  3  4  Maxim Integrated Products
MAX4644 High-Speed Low-Voltage 4Ω SPDT CMOS Analog Switch 1  2  3  4  5  More Maxim Integrated Products
CWB2269 CMOS/DMOS Wideband Dual SPDT Analog Switch 1  2  3  4  Calogic, LLC
ISL8394 Low-Voltage Single and Dual Supply Quad SPDT Analog Switches 1  2  3  4  5  More Intersil Corporation
MAX4561 ±15kV ESD-Protected Low-Voltage SPDT/SPST CMOS Analog Switches 1  2  3  4  5  More Maxim Integrated Products
DG333A Precision Quad SPDT Analog Switch 1  2  3  4  5  More Vishay Siliconix
DG9461 Low-Voltage Single SPDT Analog Switch 1  2  3  4  5  More Vishay Siliconix
MAX4699 Low-Voltage Dual DPDT/Quad SPDT Analog Switches in QFN 1  2  3  4  5  More Maxim Integrated Products
IH5151 Dual SPDT CMOS Analog Switch 1  2  3  4  5  More Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn