Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGV0231 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9FGV0231
Description  Programmable Slew rate for each output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0231 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9FGV0231 Datasheet HTML 6Page - Integrated Device Technology 9FGV0231 Datasheet HTML 7Page - Integrated Device Technology 9FGV0231 Datasheet HTML 8Page - Integrated Device Technology 9FGV0231 Datasheet HTML 9Page - Integrated Device Technology 9FGV0231 Datasheet HTML 10Page - Integrated Device Technology 9FGV0231 Datasheet HTML 11Page - Integrated Device Technology 9FGV0231 Datasheet HTML 12Page - Integrated Device Technology 9FGV0231 Datasheet HTML 13Page - Integrated Device Technology 9FGV0231 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
9FGV0231
2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
IDT®
2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
10
9FGV0231
REV C 020315
SMBus Table: Output Enable Register
Byte 0
Name
Control Function
Type
0
1
Default
Bit 7
1
Bit 6
1
Bit 5
1
Bit 4
1
Bit 3
1
Bit 2
DIF OE1
Output Enable
RW
Low/Low
Enabled
1
Bit 1
DIF OE0
Output Enable
RW
Low/Low
Enabled
1
Bit 0
1
SMBus Table: SS Readback and Vhigh Control Register
Byte 1
Name
Control Function
Type
0
1
Default
Bit 7
SSENRB1
SS Enable Readback Bit1
R
Latch
Bit 6
SSENRB1
SS Enable Readback Bit0
R
Latch
Bit 5
SSEN_SWCNTRL
Enable SW control of SS
RW
SS control locked
Values in B1[4:3]
control SS amount.
0
Bit 4
SSENSW1
SS Enable Software Ctl Bit1
RW1
0
Bit 3
SSENSW0
SS Enable Software Ctl Bit0
RW1
0
Bit 2
1
Bit 1
AMPLITUDE 1
RW
00 = 0.6V
01 = 0.7V
1
Bit 0
AMPLITUDE 0
RW
10= 0.8V
11 = 0.9V
0
1. B1[5] must be set to a 1 for these bits to have any effect on the part.
SMBus Table: DIF Slew Rate Control Register
Byte 2
Name
Control Function
Type
0
1
Default
Bit 7
1
Bit 6
1
Bit 5
1
Bit 4
1
Bit 3
1
Bit 2
SLEWRATESEL DIF1
Adjust Slew Rate of DIF1
RW
2.0V/ns
3.0V/ns
1
Bit 1
SLEWRATESEL DIF0
Adjust Slew Rate of DIF0
RW
2.0V/ns
3.0V/ns
1
Bit 0
1
SMBus Table: REF Control Register
Byte 3
Name
Control Function
Type
0
1
Default
Bit 7
RW
00 = 0.9V/ns
01 =1.3V/ns
0
Bit 6
RW
10 = 1.6V/ns
11 = 1.8V/ns
1
Bit 5
REF Power Down Function
Wake-on-Lan Enable for REF
RW
REF does not run in
Power Down
REF runs in Power
Down
0
Bit 4
REF OE
REF Output Enable
RW
Low
Enabled
1
Bit 3
1
Bit 2
1
Bit 1
1
Bit 0
1
Byte 4 is reserved and reads back 'hFF'.
Reserved
Reserved
Slew Rate Control
00' = SS Off, '01' = -0.25% SS,
'10' = Reserved, '11'= -0.5% SS
00' for SS_EN_tri = 0, '01' for SS_EN_tri
= 'M', '11 for SS_EN_tri = '1'
REF
Reserved
Controls Output Amplitude
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved


Similar Part No. - 9FGV0231

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231 Datasheet
224Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0231AKILF IDT-9FGV0231AKILF Datasheet
224Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
9FGV0231AKILF IDT-9FGV0231AKILF Datasheet
281Kb / 16P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0231AKILF RENESAS-9FGV0231AKILF Datasheet
673Kb / 17P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
More results

Similar Description - 9FGV0231

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841 Datasheet
207Kb / 16P
   Programmable Slew rate for each output
9FGV0431 IDT-9FGV0431 Datasheet
225Kb / 15P
   Programmable Slew rate for each output
9FGV0841 IDT-9FGV0841 Datasheet
212Kb / 16P
   Programmable Slew rate for each output
9FGU0631 IDT-9FGU0631 Datasheet
201Kb / 15P
   Programmable Slew rate for each output
9FGU0431 IDT-9FGU0431 Datasheet
199Kb / 15P
   Programmable Slew rate for each output
9FGU0641 IDT-9FGU0641 Datasheet
211Kb / 15P
   Programmable Slew rate for each output
9FGU0831 IDT-9FGU0831 Datasheet
191Kb / 16P
   Programmable Slew rate for each output
9FGV0241 IDT-9FGV0241 Datasheet
230Kb / 15P
   Programmable Slew rate for each output
9FGV0441 IDT-9FGV0441 Datasheet
230Kb / 15P
   Programmable Slew rate for each output
9DBV0931 IDT-9DBV0931 Datasheet
208Kb / 17P
   Programmable Slew rate for each output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com