Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX391 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX391
Description  Precision, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX391 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX391 Datasheet HTML 2Page - Maxim Integrated Products MAX391 Datasheet HTML 3Page - Maxim Integrated Products MAX391 Datasheet HTML 4Page - Maxim Integrated Products MAX391 Datasheet HTML 5Page - Maxim Integrated Products MAX391 Datasheet HTML 6Page - Maxim Integrated Products MAX391 Datasheet HTML 7Page - Maxim Integrated Products MAX391 Datasheet HTML 8Page - Maxim Integrated Products MAX391 Datasheet HTML 9Page - Maxim Integrated Products MAX391 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Precision, Quad, SPST Analog Switches
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
10
-5.0
-2.5
2.5
RON vs. VCOM
(DUAL SUPPLIES)
35
VCOM (V)
0
5.0
25
15
30
20
40
A: V+ = 3V, V- = -3V
B: V+ = 5V, V- = -5V
A
B
10
-5.0
-2.5
2.5
RON vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
35
VCOM (V)
0
5.0
25
15
30
20
40
V+ = +5V,
V- = -5V
A: TA = +125°C
B: TA = +85°C
C: TA = +25°C
D: TA = -55°C
A
B
C
D
0
04
8
RON vs. VCOM
(SINGLE SUPPLY)
100
VCOM (V)
610
60
20
80
40
120
V- = 0V
12
2
V+ = 3V
V+ = 5V
V+ = 12V
0
01
3
RON vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
100
VCOM (V)
24
60
20
80
40
120
5
A: TA = +125°C
B: TA = +85°C
C: TA = +25°C
D: TA = -55°C
A
B
C
D
V+ = 5V
V- = 0V
-30
-5.0
CHARGE INJECTION vs. VCOM
20
VCOM (V)
0
5.0
0
-20
10
-10
30
-2.5
2.5
V+ = 5V, V- = -5V
V+ = 5V
V- = 0V
0.0001
-75
OFF LEAKAGE CURRENT vs.
TEMPERATURE
10
TEMPERATURE (°C)
+25
+125
0.1
0.001
1
0.01
100
V+ = 5.5V, V- = -5.5V
VCOM = ±4.5V
VNC OR VNO = ±4.5V
-25
+75
0.0001
-75
ON LEAKAGE CURRENT vs.
TEMPERATURE
10
TEMPERATURE (°C)
+25
+125
0.1
0.001
1
0.01
100
V+ = 5.5V, V- = -5.5V
VCOM = ±4.5V
-25
+75
0.0001
-75
SUPPLY CURRENT vs. TEMPERATURE
10
TEMPERATURE (°C)
+25
+125
0.1
0.001
1
0.01
100
I- at V- = -5.5V
I+ at V+ = 5.5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DG411L Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches 1  2  3  4  5  More Vishay Siliconix
MAX351 Precision Quad SPST Analog Switches 1  2  3  4  5  More Maxim Integrated Products
MAX361 Precision Quad SPST Analog Switches 1  2  3  4  5  More Maxim Integrated Products
MAX364 Precision Quad SPST Analog Switches 1  2  3  4  5  More Maxim Integrated Products
PS391 Precision Quad SPST Analog Switches 1  2  3  4  5  More Pericom Semiconductor Corporation
DG444CJ Improved Quad SPST Analog Switches 1  2  3  4  5  More Maxim Integrated Products
ADG661 LC2MOS Precision 5 V Quad SPST Switches 1  2  3  4  5  More Analog Devices
CWB308 CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches 1  2  3  4  5  More Calogic, LLC
MAX320 Precision Dual-Supply SPST Analog Switches 1  2  3  4  5  More Maxim Integrated Products
MAX4610 Low-Voltage Quad SPST CMOS Analog Switches 1  2  3  4  5  More Maxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn