Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX391 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX391
Description  Precision, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX391 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX391 Datasheet HTML 1Page - Maxim Integrated Products MAX391 Datasheet HTML 2Page - Maxim Integrated Products MAX391 Datasheet HTML 3Page - Maxim Integrated Products MAX391 Datasheet HTML 4Page - Maxim Integrated Products MAX391 Datasheet HTML 5Page - Maxim Integrated Products MAX391 Datasheet HTML 6Page - Maxim Integrated Products MAX391 Datasheet HTML 7Page - Maxim Integrated Products MAX391 Datasheet HTML 8Page - Maxim Integrated Products MAX391 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Precision, Quad, SPST Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Input Current with Input
Voltage High
IINH
-0.5
0.005
0.5
µA
CONDITIONS
IN = 2.4V, all others = 0.8V
Input Current with Input
Voltage Low
IINL
-0.5
0.005
0.5
µA
IN = 0.8V, all others = 2.4V
Turn-On Time
tON
65
130
ns
Charge Injection
(Note 3)
Q
25
pC
CL = 1.0nF, VGEN = 0V,
RGEN = 0
Ω, Figure 4
TA = +25°C
TA = TMIN to TMAX
175
VCOM = ±3V, Figure 2
TA = +25°C
TA = TMIN to TMAX
100
VCOM = ±3V, Figure 2
Turn-Off Time
tOFF
35
75
ns
MAX393 only, RL = 300
Ω, CL = 35pF, Figure 3
Break-Before-Make
Time Delay (Note 3)
tD
510
ns
TA = +25°C
TA = +25°C
RL = 50
Ω, CL = 5pF,
f = 1MHz, Figure 5
Off Isolation (Note 7)
OIRR
72
dB
TA = +25°C
RL = 50
Ω, CL = 5pF,
f = 1MHz, Figure 6
Crosstalk (Note 8)
85
dB
TA = +25°C
f = 1MHz, Figure 7
NC or NO Capacitance
C(OFF)
9
pF
TA = +25°C
f = 1MHz, Figure 7
COM Off Capacitance
CCOM(OFF)
9
pF
TA = +25°C
f = 1MHz, Figure 8
COM On Capacitance
CCOM(ON)
pF
22
Power-Supply Range
-8.0
+8.0
V
Positive Supply Current
I+
V+ = 5.5V, V- = -5.5V,
VIN = 0V or V+,
All channels on or off
TA = TMIN to TMAX
-1
1
µA
Negative Supply
Current
I-
V+ = 5.5V, V- = -5.5V,
VIN = 0V or V+,
All channels on or off
TA = TMIN to TMAX
-1
1
µA
LOGIC INPUT
SUPPLY
DYNAMIC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DG411L Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches 1  2  3  4  5  More Vishay Siliconix
MAX351 Precision Quad SPST Analog Switches 1  2  3  4  5  More Maxim Integrated Products
MAX361 Precision Quad SPST Analog Switches 1  2  3  4  5  More Maxim Integrated Products
MAX364 Precision Quad SPST Analog Switches 1  2  3  4  5  More Maxim Integrated Products
PS391 Precision Quad SPST Analog Switches 1  2  3  4  5  More Pericom Semiconductor Corporation
DG444CJ Improved Quad SPST Analog Switches 1  2  3  4  5  More Maxim Integrated Products
ADG661 LC2MOS Precision 5 V Quad SPST Switches 1  2  3  4  5  More Analog Devices
CWB308 CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches 1  2  3  4  5  More Calogic, LLC
MAX320 Precision Dual-Supply SPST Analog Switches 1  2  3  4  5  More Maxim Integrated Products
MAX4610 Low-Voltage Quad SPST CMOS Analog Switches 1  2  3  4  5  More Maxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn