Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH32244A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVCH32244A
Description  32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH32244A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVCH32244A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVCH32244A_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74LVCH32244A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 December 2011
6 of 14
NXP Semiconductors
74LVCH32244A
32-bit buffer/line driver; 5 V input/output tolerant; 3-state
[1]
All typical values are measured at VCC = 3.3 V and Tamb =25 C.
[2]
The bus hold circuit is switched off when VI >VCC allowing 5.5 V on the input pin.
[3]
Valid for data inputs only. Control inputs do not have a bus hold circuit.
[4]
The specified sustaining current at the data inputs holds the input below the specified VI level.
[5]
The specified overdrive current at the data input forces the data input to the opposite logic input state.
10. Dynamic characteristics
IBHH
bus hold HIGH
current [3][4]
VCC = 1.65; VI = 1.07 V
10
-
-
10
-
A
VCC = 2.3; VI = 1.7 V
30
-
-
25
-
A
VCC = 3.0; VI = 2.0 V
75
-
-
60
-
A
IBHLO
bus hold LOW
overdrive
current [3][5]
VCC = 1.95 V
200
-
-
200
-
A
VCC = 2.7 V
300
-
-
300
-
A
VCC = 3.6 V
500
-
-
500
-
A
IBHHO
bus hold HIGH
overdrive
current [3][5]
VCC = 1.95 V
200
-
-
200
-
A
VCC = 2.7 V
300
-
-
300
-
A
VCC = 3.6 V
500
-
-
500
-
A
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 6.
Symbol Parameter
Conditions
Tamb = 40 C to +85 C 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation
delay
nAntonYn; see Figure 4
[2]
VCC = 1.2 V
-
11.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
4.8
10.7
1.5
11.3
ns
VCC = 2.3 V to 2.7 V
1.0
2.6
5.3
1.0
5.9
ns
VCC = 2.7 V
1.0
2.6
4.7
1.0
6.0
ns
VCC = 3.0 V to 3.6 V
1.1
2.2
4.1
1.1
5.5
ns
ten
enable time
nOE to nYn; see Figure 5
[2]
VCC = 1.2 V
-
15.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
6.2
12.1
1.5
12.7
ns
VCC = 2.3 V to 2.7 V
1.0
3.5
6.4
1.0
7.1
ns
VCC = 2.7 V
1.0
3.2
5.8
1.0
7.5
ns
VCC = 3.0 V to 3.6 V
1.0
2.8
4.6
1.0
6.0
ns
tdis
disable time
nOE to nYn; see Figure 5
[2]
VCC = 1.2 V
-
10.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.5
4.4
8.7
2.5
9.4
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
4.9
1.0
5.3
ns
VCC = 2.7 V
1.0
3.2
6.2
1.0
8.0
ns
VCC = 3.0 V to 3.6 V
1.8
3.1
5.2
1.8
6.5
ns


Similar Part No. - 74LVCH32244A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH32244AEC PHILIPS-74LVCH32244AEC Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
More results

Similar Description - 74LVCH32244A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32244A PHILIPS-74LVC32244A Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
   32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com