Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

OX-046 Datasheet(PDF) 3 Page - Vectron International, Inc

Part No. OX-046
Description  VHF low g-Sensitivity Oven Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

OX-046 Datasheet(HTML) 3 Page - Vectron International, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Parameter
Min
Typ
Max
Units
Condition
Additional Parameters1
Weight
150
g
Absolute Maximum Ratings
Supply voltage (Vs)
28
V
Output Load
25
open
ohm
Operable Temperature Range
-55
+85
°C
Environmental Specifications
Shock (Operating)
MIL-STD-202, Method 213, Condition J, 30G, 11ms, half sine
Shock (Endurance)
Mil-STD-202, Method 213, Condition C, 100G, 6ms, half sine
Sine Vibration (Operating)
Mil-STD-202, Method 204, Condition C, 10 G
Sine Vibration (Endurance)
Mil-STD-202, Method 204, Condition D, 20 G
Random Vibration (Operating)
Mil-STD-202, Method 214, Condition I-C, 9.26 Grms, 3-5min/axis (without vibe comp)
Mil-STD-202, Method 214, Condition I-A, 5.35 Grms, 3-5min/axis (with vibe comp)
Random Vibration (Endurance)
Mil-STD-202, Method 214, Condition I-H, 29.28 Grms, 3hrs/axis
Seal
Nonhermetic - Mil-STD-202, Method 112, Condition D available only as custom part
number - please contact factory
Humidity
MIL-STD-202, Method 103, Condition B, 90% rh
Altitude
MIL-STD-202, Method 105, sea level to 30,000 ft
Resistance to Soldering Heat
MIL-STD-202, Method 210, Condition A,B,C
RoHS
not RoHS compliant
Terminal Strength
MIL-STD-202, Method 211, Condition C (5 bends at 45o, 2 lbs)
Moisture Sensitivity Level
1
Storage Temperature Range
-55
+125
°C
Vectron International • 267 Lowell Road, Unit 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn