Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB050P10J3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTB050P10J3
Description  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB050P10J3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTB050P10J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB050P10J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB050P10J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB050P10J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB050P10J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB050P10J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB050P10J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB050P10J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB050P10J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C975J3
Issued Date : 2015.03.17
Revised Date :
Page No. : 3/9
MTB050P10J3
CYStek Product Specification
Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-100
-
-
V
VGS=0V, ID=-250μA
∆BVDSS/∆Tj
-
-0.08
-
V/
°C
Reference to 25
°C, ID=-250μA
VGS(th)
-1.0
-
-2.5
V
VDS = VGS, ID=-250μA
GFS
-
32.8
-
S
VDS =-5V, ID=-20A
IGSS
-
-
±
100
nA
VGS=±20V
IDSS
-
-
-1
VDS =-80V, VGS =0V
IDSS
-
-
-25
μA
VDS =-80V, VGS =0V, Tj=70
°C
*RDS(ON)
-
45
60
VGS =-10V, ID=-15A
*RDS(ON)
-
51
72
VGS =-4.5V, ID=-12A
Dynamic
*Qg
-
51
-
*Qgs
-
6.5
-
*Qgd
-
14.3
-
nC
VDS=-80V, ID=-15A, VGS=-10V
*td(ON)
-
13
-
*tr
-
21.6
-
*td(OFF)
-
66.2
-
ns
*tf
-
15.2
-
VDS=-50V, ID=-15A , VGS=-10V,
RG=2.7Ω
Ciss
-
2421
-
Coss
-
211
-
Crss
-
93
-
pF
VGS=0V, VDS=-25V, f=1MHz
Rg
-
3.6
-
Ω
f=1MHz
Source-Drain Diode
*IS
-
-
-24
A
*VSD
-
-0.83
-1.2
V
IS=-15A, VGS=0V
*trr
-
25
-
ns
*Qrr
-
33
-
nC
IF=-15A, VGS=0, dIF/dt=-100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Recommended soldering footprint


Similar Part No. - MTB050P10J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB050P10E3 CYSTEKEC-MTB050P10E3 Datasheet
275Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10E3-0-UB-S CYSTEKEC-MTB050P10E3-0-UB-S Datasheet
275Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10F3 CYSTEKEC-MTB050P10F3 Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10F3-0-T7-S CYSTEKEC-MTB050P10F3-0-T7-S Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10FP CYSTEKEC-MTB050P10FP Datasheet
260Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB050P10J3

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com