Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6641PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6641PBF
Description  Latest MOSFET silicon technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6641PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF6641PBF Datasheet HTML 1Page - International Rectifier IRF6641PBF Datasheet HTML 2Page - International Rectifier IRF6641PBF Datasheet HTML 3Page - International Rectifier IRF6641PBF Datasheet HTML 4Page - International Rectifier IRF6641PBF Datasheet HTML 5Page - International Rectifier IRF6641PBF Datasheet HTML 6Page - International Rectifier IRF6641PBF Datasheet HTML 7Page - International Rectifier IRF6641PBF Datasheet HTML 8Page - International Rectifier IRF6641PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.irf.com
© 2013 International Rectifier
July 1, 2013
IRF6641TRPbF
0
10
20
30
40
50
60
ID, Drain Current (A)
50
60
70
80
90
100
TJ = 25°C
Vgs = 7.0V
Vgs = 8.0V
Vgs = 10V
Vgs = 15V
25
50
75
100
125
150
Starting T J , Junction Temperature (°C)
0
20
40
60
80
100
120
140
160
180
200
ID
TOP
3.7A
5.7A
BOTTOM 11A
4
6
8
10
12
14
16
VGS, Gate -to -Source Voltage (V)
0
20
40
60
80
100
120
140
160
180
200
ID = 5.5A
TJ = 25°C
TJ = 125°C
Fig 12. Typical On-Resistance vs. Gate Voltage
Fig 13. Typical On-Resistance vs. Drain Current
Fig 15a. Unclamped Inductive Test Circuit
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 14. Maximum Avalanche Energy vs. Drain Current
tp
V(BR)DSS
IAS
Fig 15b. Unclamped Inductive Waveforms
Fig 16a. Switching Time Test Circuit
Fig 16b. Switching Time Waveforms


Similar Part No. - IRF6641PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
More results

Similar Description - IRF6641PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6775MPBF IRF-IRF6775MPBF_15 Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6785MPBF IRF-IRF6785MPBF Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com