Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCP3000PS27 Datasheet(PDF) 4 Page - XP Power Limited

Part # HCP3000PS27
Description  6503000 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HCP3000PS27 Datasheet(HTML) 4 Page - XP Power Limited

  HCP3000PS27 Datasheet HTML 1Page - XP Power Limited HCP3000PS27 Datasheet HTML 2Page - XP Power Limited HCP3000PS27 Datasheet HTML 3Page - XP Power Limited HCP3000PS27 Datasheet HTML 4Page - XP Power Limited HCP3000PS27 Datasheet HTML 5Page - XP Power Limited HCP3000PS27 Datasheet HTML 6Page - XP Power Limited HCP3000PS27 Datasheet HTML 7Page - XP Power Limited HCP3000PS27 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HCP1500
Models and Ratings
Output Power
Output Voltage V1
Output Current
Standby Output(3)
Efficiency(2)
Model Number
Min
Max
1500 W
12.0 VDC
0.0 A
125.0 A
5 V/0.5 A
87%
HCP1500PS12
1500 W
15.0 VDC
0.0 A
100.0 A
5 V/0.5 A
88%
HCP1500PS15
1500 W
24.0 VDC
0.0 A
62.5 A
5 V/0.5 A
89%
HCP1500PS24
1500 W
27.0 VDC
0.0 A
55.5 A
5 V/0.5 A
89%
HCP1500PS27
1500 W
48.0 VDC
0.0 A
31.3 A
5 V/0.5 A
90%
HCP1500PS48
Mechanical Details
Notes
1. All dimensions are in inches (mm).
2. Weight 7.1 lb (3.2 kg)
3. Signals mating connector is Dinkle EC350V-10P or equivalent.
Wire gauge 28-14 AWG.
Notes
1. Ripple & noise are measured with 20 MHz bandwidth and using 12” twisted pair-wire terminated with 0.1 µF & 47 µF capacitors in parallel.
2. Measured with 230 VAC input and full load.
3. Present whenever AC is applied.
Thermal Derating Curve
For HCP1500PS12/15
For HCP1500PS24/27/48
1
2
3
1
2
3
5
6
7
8
9
104
9.33 (237.0)
9.84 (250.0)
12.31 (312.7)
1.34
(34.0)
0.59
(15.0)
2.5 (63.5)
0.57
(14.5)
0.57
(14.5)
1.38
(35.0)
3.86
(98.0)
5.0
(127.0)
0.22 (5.6)
Ø 0.31 (Ø 8.0)
L
N
E
+V
-V
4-M4, Max Length = 4 mm
4-M4, Max Length = 4 mm
Airflow
Voltage
Adj.
Ambient Temperature (°C)
0
10
30
50
-25
0
20
40
60
80
100
40
60
70
80
20
1
2
3
4
5
90 VAC
100 VAC
110 VAC
120 VAC
>140 VAC
1
2
3
4
5
1
2
3
4
5
Ambient Temperature (°C)
0
-25
10
30
50
60
0
20
40
60
80
100
40
60
80
20
90 VAC
100 VAC
110 VAC
120 VAC
>135 VAC
1
2
3
4
5
Control Pin Connections
Pin
Function
Description
Pin
Function
Description
1
VS+
Remote Sense (+)
6
GND
Signal Ground
2
VS-
Remote Sense (-)
7
PWM (P-OK)
PWM is Switching
3
5 V SB (Aux)
5 V Standby Output (+)
8
VCI
V Program
4
EN+
Enable (+)
9
ACI
I Program
5
EN-
Enable (-)
10
CS
Current Share


Similar Part No. - HCP3000PS27

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HCP3000 XPPOWER-HCP3000 Datasheet
638Kb / 8P
   650-3000 Watts HCP Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com