Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHP650PS36-EF Datasheet(PDF) 4 Page - XP Power Limited

Part # SHP650PS36-EF
Description  3501200 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SHP650PS36-EF Datasheet(HTML) 4 Page - XP Power Limited

  SHP650PS36-EF Datasheet HTML 1Page - XP Power Limited SHP650PS36-EF Datasheet HTML 2Page - XP Power Limited SHP650PS36-EF Datasheet HTML 3Page - XP Power Limited SHP650PS36-EF Datasheet HTML 4Page - XP Power Limited SHP650PS36-EF Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SHP650
Mechanical Details
Top Fan (Suffix TF)
Standard Terminal Block, M4 Screw, 6 Pins, 9.5 mm Center
torque 10.62 lbs-in (1.2 Nm)
Standard Terminal Block, M3.5 Screw 3, Pins 9.5 mm Center
torque 10.62 lbs-in (1.2 Nm)
N
E
8.00 (203.2)
L
2.58 (65.5)
2.50 (63.5)
1.95
(49.5)
0.87
(22.2)
6.53 (165.8)
2.86 (72.6)
4.00
(101.6)
Pin 1
pin 9
Pin 2
Pin 10
J3: Logic Connector
V1 Adjustment
Output On, LED
2 x M3 THD both side faces
0.15 (3.8) max screw penetration
max torque 4.0-5.0 lbs-in (0.45-0.57 Nm)
4 x M3 THD
0.15 (3.8) max screw penetration
max torque 4.0-5.0 lbs-in (0.45-0.57 Nm)
Signals
AC OK Collector
Pin 3
AC OK Emitter
Pin 2 (-sense)
POWER SUPPLY
Transistor On (<0.8 V):
AC NOT OK
Transistor Off (>4.5 V):
AC OK
INHIBIT HI
INHIBIT LOW
J3 Logic Connector
330R
5 V Standby
Return Pin 10
5 V Standby
Pin 9
Max 12 V 20 mA
Inhibit Hi
Pin 7
POWER SUPPLY
100 R
800 R
2-5 mA
Chassis J3 Logic Connector
Signal High: Power Supply OFF
Low or Floating: Power Supply ON
Signal
High: Power Supply ON
Low or Floating: Power Supply OFF
Inhibit Lo
Pin 8
5 V Standby
Pin 9
5 V Standby
Return Pin 10
Inhibit Hi
Pin 7
POWER SUPPLY
100 R
Chassis J3 Logic Connector
Inhibit Lo
Pin 8
5 V Standby
Pin 9
5 V Standby
Return Pin 10
800 R
2-5 mA
Notes
J3 Logic Connector
(JST B10B-PHDSS)
Pin
Function
1
+ Sense
2
- Sense
3
AC OK/Power Fail
4
- Sense
5
Current Share
6
Current Share
7
+ Inhibit
8
- Inhibit
9
+5 V Standby (V3)
10
5 V Standby Return (V3)
1. Dimensions shown in inches (mm).
2. Weight: 2.8 lb (1.27 kg).
3. J3 Mating plug: JST part no. PHDR-10VS, contact: 26-22
AWG JST part no. SPHD-001T-P0.5.
For U Channel and Thermal Considerations please see longform datasheet.
AC OK/Power Fail
Remote On/Off (Inhibit)


Similar Part No. - SHP650PS36-EF

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SHP650PS36-EF XPPOWER-SHP650PS36-EF Datasheet
654Kb / 5P
   350-1200 Watts SHP Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com