Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDS1500PS30 Datasheet(PDF) 3 Page - XP Power Limited

Part # HDS1500PS30
Description  1500 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HDS1500PS30 Datasheet(HTML) 3 Page - XP Power Limited

  HDS1500PS30 Datasheet HTML 1Page - XP Power Limited HDS1500PS30 Datasheet HTML 2Page - XP Power Limited HDS1500PS30 Datasheet HTML 3Page - XP Power Limited HDS1500PS30 Datasheet HTML 4Page - XP Power Limited HDS1500PS30 Datasheet HTML 5Page - XP Power Limited HDS1500PS30 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HDS1500 Series
www.xppower.com
AC-DC Power Supplies
3
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
89
93
%
See Models and Ratings table
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
VAC
500
VAC
Switching Frequency
65
kHz
PFC
40
200
kHz
PWM, variable
Power Density
9.7
W/in3
Signals and Controls
Enable, Current Share, V Program, I Program, 5 V
Standby, Power OK
Mean Time Between Failure
115
kHrs
MIL-HDBK-217F, 25 °C GB
Weight
5.7 (2.6)
lb (kg)
Derating Curve
Thermal Derating Curve
Input Derating Curve
Ambient Temperature (˚C)
100
80
60
40
20
-20
10
0
20
30
40
50
60
70
Input Voltage (VAC)
100
90
80
70
60
50
40
90
100
110
120
264
A
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-25
60
°C
Derate linearly from 100% load at 50 °C to 60%
load at 60 °C
Storage Temperature
-40
+85
°C
Cooling
Internal fan fitted, speed increases with load and
internal temperature
Humidity
20
90
%RH
Vibration
2
g
10-500 Hz, 10 min/cycle, 60 min period for each
axis, compliant to IEC68-2-16, IEC 68-2-64


Similar Part No. - HDS1500PS30

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HDS1500PS30 XPPOWER-HDS1500PS30 Datasheet
1Mb / 6P
   AC-DC Power Supplies
More results

Similar Description - HDS1500PS30

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HPU1K5 XPPOWER-HPU1K5_16 Datasheet
784Kb / 4P
   1500 Watts HPU1K5 Series
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
XP Power Limited
HPU1K5PS48 XPPOWER-HPU1K5PS48 Datasheet
527Kb / 4P
   1500 Watts HPU1K5 Series
logo
Powerbox
SM1500 POWERBOX-SM1500 Datasheet
119Kb / 2P
   1500 WATTS PROGRAMMABLE DC SUPPLY
logo
New Jersey Semi-Conduct...
1N6036 NJSEMI-1N6036 Datasheet
147Kb / 2P
   1500 WATTS PEAK POWER DISSIPATION
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8A YFWDIODE-1.5KE6.8A Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
Astec America, Inc
DS1500-3 ASTEC-DS1500-3 Datasheet
274Kb / 4P
   1500 Watts 12V Distributed Power System
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com