Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS100US12 Datasheet(PDF) 1 Page - XP Power Limited

Part # ECS100US12
Description  65/100/130 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECS100US12 Datasheet(HTML) 1 Page - XP Power Limited

  ECS100US12 Datasheet HTML 1Page - XP Power Limited ECS100US12 Datasheet HTML 2Page - XP Power Limited ECS100US12 Datasheet HTML 3Page - XP Power Limited ECS100US12 Datasheet HTML 4Page - XP Power Limited ECS100US12 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Notes
1. Safety approvals cover frequency 47-63 Hz.
Specification
65/100/130 Watts
IT & Medical Safety Approvals
65/80/100 W
Convection cooled Ratings
Class I & Class II Construction
Industry Standard 2” x 4” Package
<0.5 W No Load Input Power
Low Leakage Current
3 Year Warranty
ECS Series
Input
Input Voltage
• 80-264 VAC (275 VAC ECS65)
(120-370 VDC), derate output power
<90 VAC, see derating curves
Input Frequency
• 47-400 Hz(1)
Input Current
• 65 W: 1.0/0.6 A typical at 115/230 VAC
100 W: 1.5/0.9 A typical at 115/230 VAC,
130 W: 1.9/1.1 A typical at 115/230 VAC
full load
Inrush Current
• 40 A max at 230 VAC, cold start at 25 ˚C
Power Factor
• EN61000-3-2, class A
No Load Input Power
• <0.5 W
Earth Leakage Current
• 65/130 W: 260 µA at 264 VAC/60 Hz max
100 W: 230 µA at 264 VAC/60 Hz max
Input Protection
• Internal T3.15/T5 A/250 V fuse in line and
neutral
Output
Output Voltage
• 12-48 VDC (see tables)
Output Voltage Trim
• ±10%
Initial Set Accuracy
• ±1%
Minimum Load
• No minimum load required
Start Up Delay
• 1 s typical
Start Up Rise Time
• 50 ms
Hold Up Time
• 16 ms min at 115 VAC
Drift
• ±0.2% after 20 min warm up
Line Regulation
• ±0.5% max
Load Regulation
• ±1%
Over/Undershoot
• 5% typical
Transient Response
• 4% max. deviation, recovery to within
1% in 500 µs for a 50-75-50% load
change
Ripple & Noise
• 1% pk-pk, 20 MHz bandwidth
Overvoltage Protection
• 115-140% Vnom, recycle input to reset
Overload Protection
• 110-160%
Short Circuit Protection
• Continuous trip and restart (hiccup mode)
Temperature
• 0.05%/˚C
Coefficient
xppower.com
General
Efficiency
• Up to 90% model dependent
Isolation
• 4000 VAC Input to Output, 2 x MOPP,
1500 VAC Input to Ground, 1 x MOPP,
500 VDC Output to Ground, 1 x MOPP
Switching Frequency
• 65 KHz typical
Power Density
• 65 W: 7.7 W/in3, 100 W: 10 W/in3,
130 W: 13 W/in3
MTBF
• 65 W: 850 kHrs, 100 W: 834 kHrs,
130 W: 715 kHrs to MIL-HDBK-217F
at 25 ˚C, GB
Environmental
Operating Temperature
• -20 ˚C (-40 ˚C, ECS130) to +70 ˚C derate
linearly from +50 ˚C at 2.5%/˚C to 50%
load at +70 ˚C.
Cooling
• Convection & fan cooled ratings (see tables)
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 ˚C to +85 ˚C
Operating Altitude
• 3000 m
Shock
• 30 g pk, half sine, 6 axes
Vibration
• 2 g rms, 5 Hz to 500 Hz, 3 axes
EMC & Safety
Low Voltage PSU EMC
• EN61204-3, high severity level
Emissions
• EN55011/22 level B conducted
EN55011/22 level A radiated, level B
Suffix ‘-B’ models
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, installation class 3
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B,
EN60601-1-2, 30% 500 ms, 60% 100 ms,
100% 10 ms, 100% 5000 ms, Perf Criteria
A, A, A, B - 230 VAC. Consult longform
datasheet for 115 V operation.
Safety Approvals
• IEC60950-1 CB report, CSA 22.2
No. 60950-1, UL60950-1, TUV EN60950-1
IEC60601-1 CB report, CSA 22.2
No. 60601-1, ANSI/AMMI ES60601-1,
TUV 60601-1, including risk management
Equipment Protection
• Class I & II (ECS65 Non ‘-B’ models,
Class
Class I only)


Similar Part No. - ECS100US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS100US12 XPPOWER-ECS100US12 Datasheet
941Kb / 5P
   65/100/130 Watts ECS Series
ECS100US12 XPPOWER-ECS100US12 Datasheet
1Mb / 10P
   80/100 W Convection & Force-cooled Ratings
More results

Similar Description - ECS100US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS65 XPPOWER-ECS65 Datasheet
941Kb / 5P
   65/100/130 Watts ECS Series
logo
Powerbox
PMP130 POWERBOX-PMP130 Datasheet
561Kb / 2P
   100 - 130 WATTS SINGLE OUTPUT AC/DC MEDICAL
logo
Wall Industries,Inc.
DTEM1120 WALL-DTEM1120 Datasheet
298Kb / 3P
   100 - 130 Watts, AC - DC Medical Desktop Power Supplies
logo
Artesyn Technologies
LPT101-M ARTESYN-LPT101-M Datasheet
664Kb / 4P
   Total Power: 80 - 130 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
logo
Integrated Power Design...
SRW-65 IPDPOWER-SRW-65 Datasheet
357Kb / 2P
   65 WATTS SRW-65 SERIES AC-DC
logo
Emerson Network Power
LPT100-M EMERSON-NETWORKPOWER-LPT100-M Datasheet
371Kb / 3P
   130 Watts Medical and ITE safeties
logo
Qualtek Electronics Cor...
QADA-65-12 QUALTEK-QADA-65-12 Datasheet
617Kb / 2P
   65/72 Watts Single Output Desktop
QFWB-65 QUALTEK-QFWB-65 Datasheet
1Mb / 2P
   65 Watts Single Output Wall Mount
logo
Tumbler Technologies + ...
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
   65 Watts Medical Grade Power Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com