Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TREK-773R-LWB8A0E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TREK-773R-LWB8A0E
Description  7" All-in-One Mobile Data Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TREK-773R-LWB8A0E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TREK-773R-LWB8A0E Datasheet HTML 1Page - Advantech Co., Ltd. TREK-773R-LWB8A0E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.advantech-dlog.com
Regional contact:
TREK-773
Dimensions
Unit: mm
RF
WLAN + Bluetooth
IEEE 802.11a/b/g/n + Bluetooth (V4.0 LE, V3.0+HS, V2.1+EDR) combo module via Full Size Mini-PCIe Slot
(Optional: High power WLAN for Roaming by project-based)
WWAN
4G (LTE / HSPA+ / CDMA EV-DO Rev.A): Sierra Wireless MC73xx
GNSS
Built-in u-blox MAX-M8W module, supports AGPS, Glonass, and BeiDou
Antenna
1 x GPS, 2 x WWAN (LTE), 2 x WLAN/Bluetooth
NFC
ISO/IEC 14443A, 14443B, 15693; MIFARE 1K/4K, Ultralight; NFC-IP2 protocol
Power
Voltage Input
Supports 12/24V car power system. (6 ~ 32V wide DC input, ISO 7637-2 & SAE J1113 compliant.)
48V option: 18~58V input by project-based
Intelligent Vehicle Power
Management (iVPM 2.0)
System power on/off/hibernate management (e.g. Programmable Ignition On/Off Time delay)
Support Wake up Events:
- Alarm (RTC) Wake up
- Wake up by Call/SMS
System power protection (e.g.Car Battery Low Voltage Protection)
System monitoring and diagnostic
Mechanical
Dimensions (W x H x D)
255.7 x 161 x 56 mm
Weight
2.2 kg
Environment
IP Rating
IP54 (except I/O plate). Option to support entire system IP54 with additional I/O cover
Vibration/Shock
MIL-STD-810G, EN60721-3(5M3)
EMC
CE, FCC, CCC
Safety
UL/cUL, CB
Vehicle Regulation
E-Mark (E13) for 12/24V System, SAE J1455 class C, ISO 7637-2, SAE J1113
Railway
EN50155
RF Regulation
CE (R&TTE), FCC ID
Operating Temperature
-30 to 60° C
Storage Temperature
-40° C ~ 80° C
I/O Connectors
GPS
Reset Button
CFast Card
SIM Card
SD Card
COM1
USB3.0
Power Button
High Density
Connector
RJ45
System Power
51
56
75
M5
255.70
Ordering Information
Part Number
Description
TREK-773R-00A0E
TREK-773R Intel BYT E3826 (2C, 1.46GHz) Barebone w/NFC
TREK-773R-LWB8A0E TREK-773R w/LTE (EU)/GPS/WLAN/BT/NFC/CFast/WES8
TREK-773R-LWB8B0E TREK-773R w/LTE (US)/GPS/WLAN/BT/NFC/CFast/WES8


Similar Part No. - TREK-773R-LWB8A0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-773R-LWBXA1E ADVANTECH-TREK-773R-LWBXA1E Datasheet
732Kb / 2P
   7" All-in-One Ultra Rugged Mobile Data Terminal
14-Apr-2021
TREK-773R-LWBXB1E ADVANTECH-TREK-773R-LWBXB1E Datasheet
732Kb / 2P
   7" All-in-One Ultra Rugged Mobile Data Terminal
14-Apr-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com