Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TREK-668-HWB7A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TREK-668-HWB7A1E
Description  Premium In-vehicle Computing Box for Surveillance & Fleet Management
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TREK-668-HWB7A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TREK-668-HWB7A1E Datasheet HTML 1Page - Advantech Co., Ltd. TREK-668-HWB7A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.advantech-dlog.com
Regional contact:
TREK-668
RF
WLAN + Bluetooth
IEEE 802.11a/b/g/n + Bluetooth (V4.0 V3.0+HS,V2.1+EDR) combo module via Full Mini-PCIe Slot
WWAN
HSPA+, GSM/GPRS/EDGE: Sierra Wireless AirPrime MC809x via Full Mini-PCIe Slot (Default: MC8090 for US / MC8092 for EU)
(Optional: CDMA 1xRTT/EV-DO Rev.A: Sierra Wireless AirPrime MC5728, by Project-based)
2 x external accessible Mini-SIM card socket (User selectable) with cover
(Note: Support Dual WWAN modules when WLAN is not required, by Project-based)
GNSS
Build-in u-blox LEA-6S module, support AGPS (Optional: Dead Reckoning/Galileo/BeiDou module, by Project-based)
Antenna
4 x SMA type antenna hole for GPS/ WWAN/ WLAN/ BT
Power
Voltage input
Supports 12/24 V car power system. (9V ~ 32V wide DC input, ISO 7637-2 & SAE J1113 compliant.)
Intelligent Vehicle Power
Management (iVPM 1.0)
System power on/off/hibernate management (e.g. Programmable Ignition On/Off Time delay)
Support Wake up Events:
- Alarm (RTC) Wake up.
System power protection (e.g. Car Battery Low Voltage Protection)
Mechanical
Dimensions (W x H x D)
346 x 92.5 x 196.2 mm
Weight
5.9 kg (with two HDDs)
Environment
IP Rating
IP30
Vibration/Shock
MIL-STD-810G, EN60721-3(5M3)
EMC
CE, FCC, CCC
Safety
UL/cUL, CB
Vehicle Regulation
E-MARK (E13), SAE J1455 class C, ISO 7637-2, SAE J1113, EN50155
RF Regulation
CE (R&TTE), FCC ID, Part 22/24E certified whole system PTCRB
Operating Temperature
-30 to 60° C
Storage Temperature
-40 to 80° C
*1: To be paired with TREK-303/306 directly. (One-Cable-Connection)
*2: Support single audio stream only. (i.e. The Line-Out interface in "Smart Display Port" and "High Density Connector" share the same audio path.)
Specifications Cont.
Ordering Information
Part Number
Description
TREK-668-HWB7A1E
System w/2G RAM/GPS/WWAN(EU)/WLAN/16G CF/BT/
Win7
TREK-668-HWB7B1E
System w/2G RAM/GPS/WWAN(USA)/WLAN/16G CF/BT/
Win7
TREK-668-GWB7A1E
System w/2G RAM/GPS/16G CF/BT/Win7
Optional items
Part Number
Description
9668TREK58E
WLAN Kit w/antenna for TREK-668
9668TREK60E
HSXPA Kit w/antenna for TREK-668
9668TREK61E
GPS (LEA-6S) Kit w/antenna for TREK-668
9668TREK62E
GPS (LEA-6R) Kit w/antenna for TREK-668
9668TREK70E
HSXPA kit w/antenna for TREK-668 (USA)
Dimensions
Unit: mm
316
346
184.20
196.20
334
I/O Connectors
Rear View
Front View
WLAN1
GPS
WWAN
WLAN2
AV1
AV2
VGA
RS-232
LAN/PoE
USB
CAN/J1708/4DI (DB 15)
Smart Display
Power in
High Density
Connector
Reset Button
Power
CF
WLAN
WWAN
GPS
Storage
HDD1
HDD2
HDD Lock
CF/ Dual SIM
USB
Remark: RS-485 x1 (Either AV1 or AV2)


Similar Part No. - TREK-668-HWB7A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-668-HWB7A1E ADVANTECH-TREK-668-HWB7A1E Datasheet
942Kb / 2P
   Premium In-vehicle Computing Box for Surveillance & Fleet Management
More results

Similar Description - TREK-668-HWB7A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-668 ADVANTECH-TREK-668 Datasheet
942Kb / 2P
   Premium In-vehicle Computing Box for Surveillance & Fleet Management
TREK-688-7LWB7PA0E ADVANTECH-TREK-688-7LWB7PA0E Datasheet
855Kb / 2P
   Premium In-vehicle Computing Box for Surveillance & Fleet Management
TREK-674-HWB7A0E ADVANTECH-TREK-674-HWB7A0E Datasheet
852Kb / 2P
   Compact In-vehicle Computing Box for Surveillance & Fleet Management
TREK-570-00A0E ADVANTECH-TREK-570-00A0E Datasheet
516Kb / 2P
   Compact In-vehicle Computing Box for Fleet Management
TREK-570 ADVANTECH-TREK-570 Datasheet
777Kb / 4P
   Compact In-Vehicle Computing Box for Fleet Management
28-Jun-2022
TREK-520-CWBCEB0E ADVANTECH-TREK-520-CWBCEB0E Datasheet
824Kb / 2P
   RISC Compact In-vehicle Computing Box for Fleet Management
TREK-550 ADVANTECH-TREK-550 Datasheet
1Mb / 2P
   Intel짰 Atom??In-Vehicle Computing Box
TREK-510 ADVANTECH-TREK-510 Datasheet
1Mb / 2P
   ARM-based, In-Vehicle Computing Box
TREK-60 ADVANTECH-TREK-60 Datasheet
807Kb / 4P
   Modular AI Platform for Scalable Surveillance and Fleet Management
25-Aug-2021
logo
DFI Inc
VC230-AL DFI-VC230-AL Datasheet
1Mb / 4P
   In-Vehicle Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com