Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POC-W242-B11D-ACE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # POC-W242-B11D-ACE
Description  24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel Core i7 4th Generation Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-W242-B11D-ACE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  POC-W242-B11D-ACE Datasheet HTML 1Page - Advantech Co., Ltd. POC-W242-B11D-ACE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
POC-W242
24" Widescreen Point-of-Care Terminal
with IPS TFT Display and Intel Core i7
4th Generation Processor
ƒ Runs on an Intel® Core™ i7 4th generation processor with a fanless, high
performance profile
ƒ 24" full HD resolution, IPS LCD with edge to edge, bezel-less design
ƒ USB 3.0 and PCIex4 expansion slot, mini PCIe slot x 2
ƒ Offers a multi-touch option to deliver a truly unmatched touchscreen
experience
ƒ IP54 enclosure to protect against dust and water splashing for ease of
cleaning
ƒ Isolated design provides unique electric leakage protection for COM ports,
and LAN ports, and optional USB port
ƒ Optional Bluetooth, RFID inner WLAN module, Li-ion battery pack, and
auto-focus 5M pixel camera and DICOM preset
Specifications
Computing System
Chipset
Intel QM87
CPU
Intel® Core i7 4650U, 1.7 GHz (up to 3.30 GHz) Processor
Intel® Core i5 4300U, 1.9 GHz (up to 2.90 GHz) Processor
Memory
Up to 16GB DDR3L 1600/1333MHz SDRAM
Graphics Controller
Intel HD Graphics 5000/4400
Operating System
Windows 7, WIN8 Embedded Standard, Windows 8 industry Pro
Display
Display Size
23.8" wide TFT color LCD (16:9)
Type
IPS
Max. Resolution
1920 x 1080
Max. Colors
16.7 M colors (6-bits+A-FRC)
Pixel Pitch (um)
247.5 x 247.5
Viewing Angle
178/178°
Luminance
250 cd/m2
Backlight
LED
LCD MTBF
30,000 Hours
Contrast Ratio
1000 : 1
Expansion Slot
Mini PCIe
2 x mini PCIe (1 full-size, 1 half-size)
PCIe
1x PCIe (x4) slot
I/O Ports
Serial Ports
1 x RS-232/422/485 (isolated) and 2 x RS-232 serial isolated port; 1 x RS-232 serial port (Reserved)
USB Ports
2 x USB 3.0 ports (rear)
2 x USB 2.0 ports (front)
2 x isolated USB ports (Reserved)
VGA/DVI Port
1 x VGA
Audio
2 x 1 W speakers; 1 x MIC-in and speaker-out
LAN
2 x Gigabit Ethernet (isolated) interfaces (RJ-45)
HDMI
1 x HDMI
Storage
HDD/SDD
1 x 2.5" SATA Or 1 x 2.5" SSD
Power Supply
DC Model
AC/DC adapter (Sinpro Model no.HPU101-107)
Input Voltage
90 ~ 260 VAC, 1.35 ~ 0.5 A, 47 ~ 63 Hz
Output Voltage
+18 VDC, 5.55 A max. (100 watts)
Optional Functions
Battery
3S2P 4200mAH, supports 0.5 hr backup operation
Smart Card Reader (Front)
Complies with ISO7816-1,2,3,T=1 and T=0 protocol
WLAN
Integrated wireless 802.11 a/b/g/n connection & internal antenna
RFID
13.56 MHz with ISO-15693 & ISO-14443A/B certifications and active tag function
Bluetooth
Bluetooth v4.0
Optional Touchscreen
Type
Analog Resistive (AG)
Projected Capactive 10-points (AR)
Resolution
Continuous
Continuous
Light Transmission
80%
90%
Controller
USB interface
USB interface
Durability
36 million touches
>100 million touches
IP Rating
Front Panel
IP65
Entire System
IP-54, Alcohol resistance for cleaning purposes
Certifications
CE,FCC Class B approval, UL60601-1,EN60601-1 approved, RoHS, CCC; UL2054, UN38.3 for battery cell
Environment
Temperature
Operating: 0° C ~ +40° C, Storage: -20° C ~ +60° C
Humidity
Operating: 10% ~ 95% @ 40° C non-condensing
Shock Resistance
20G peak acceleration (11ms duration)
Physical Characteristics
Dimensions (W x D x H)
583 x 386 x 69 mm (22.95" x 15.19" x 2.71")
Weight (Bare system)
7.95 kg (17.52 lb.)
All product specifications are subject to change without notice.
Last updated : 22-Apr-2015


Similar Part No. - POC-W242-B11D-ACE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-W243 ADVANTECH-POC-W243 Datasheet
813Kb / 4P
   24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
POC-W243-A11D-ACE ADVANTECH-POC-W243-A11D-ACE Datasheet
813Kb / 4P
   24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
POC-W243-B11D-ACE ADVANTECH-POC-W243-B11D-ACE Datasheet
813Kb / 4P
   24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
POC-W243-C11D-ACE ADVANTECH-POC-W243-C11D-ACE Datasheet
813Kb / 4P
   24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
POC-W243-WF3E ADVANTECH-POC-W243-WF3E Datasheet
813Kb / 4P
   24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com