Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3800 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3800
Description  3.2Gbps Adaptive Equalizer and Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3800 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3800 Datasheet HTML 1Page - Maxim Integrated Products MAX3800 Datasheet HTML 2Page - Maxim Integrated Products MAX3800 Datasheet HTML 3Page - Maxim Integrated Products MAX3800 Datasheet HTML 4Page - Maxim Integrated Products MAX3800 Datasheet HTML 5Page - Maxim Integrated Products MAX3800 Datasheet HTML 6Page - Maxim Integrated Products MAX3800 Datasheet HTML 7Page - Maxim Integrated Products MAX3800 Datasheet HTML 8Page - Maxim Integrated Products MAX3800 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
3.2Gbps Adaptive Equalizer
and Cable Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.14V to +3.46V, TA = 0°C to +85°C. Typical values are at VCC = +3.3V and TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC..............................................-0.5V to +6.0V
Voltage at LOS, RMOD, and CIM...............-0.5V to (VCC + 0.5V)
Voltage at EIN+, EIN-, DIN+, DIN- .....(VCC - 1V) to (VCC + 0.5V)
Current Out of EOUT+, EOUT-, DOUT+, DOUT- ................25mA
Continuous Power Dissipation (TA = +85°C)
32-Pin TQFP-EP (derate 22.2mW/°C above +85°C) ...1444mW
Operating Ambient Temperature Range ................0°C to +85°C
Storage Temperature Range .............................-55°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
Includes external load current (Note 1)
65
85
mA
CABLE DRIVER INPUT SPECIFICATIONS
Input Voltage (Single-Ended)
VDIN+,
VDIN-
VCC
- 0.6
VCC
+ 0.2
V
Input Voltage (Differential)
VDIN
VDIN = (VDIN+) - (VDIN-)
400
1100
mVp-p
Input Impedance
Single-ended
45
55
65
CABLE DRIVER OUTPUT SPECIFICATIONS
RMOD = 10k
Ω (Note 2)
750
870
1000
mVp-p
Output Voltage
(Differential)
RMOD = 20k
Ω (Note 2)
400
450
550
mVp-p
Output Impedance
Single-ended
50
62.5
75
CABLE EQUALIZER INPUT SPECIFICATIONS
Minimum Cable Input (Differential)
3.2Gbps, 30dB cable loss at 1.6GHz (Note 3)
650
700
mVp-p
Maximum Cable Input (Differential)
1100
mVp-p
Input Impedance
Single-ended
45
55
65
CABLE EQUALIZER OUTPUT SPECIFICATIONS
Output Voltage (Differential)
(Note 2)
500
1000
mVp-p
Output Impedance
Single-ended
50
62.5
75
Voltage at CIM Output (Differential)
VCIM
No external load, VCIM = (VCIM+) - (VCIM-)
-0.5
+0.5
Vp-p
Voltage at CIM Output
(Single-Ended)
VCIM+,
VCIM-
No external load
0.5
VCC
- 0.5
V
Output high (Note 4)
2.4
V
Voltage at
LOS
Output low (Note 4)
0.4
V
Output Common-Mode Voltage
Each output DC-coupled 50
Ω to VCC
VCC - 0.2
V


Similar Part No. - MAX3800

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3801 MAXIM-MAX3801 Datasheet
1Mb / 10P
   3.2Gbps Adaptive Equalizer
19-1999; Rev 4; 7/04
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
MAX3801UGG MAXIM-MAX3801UGG Datasheet
1Mb / 10P
   3.2Gbps Adaptive Equalizer
19-1999; Rev 4; 7/04
MAX3801UTG MAXIM-MAX3801UTG Datasheet
1Mb / 10P
   3.2Gbps Adaptive Equalizer
19-1999; Rev 4; 7/04
MAX3801UTG++ MAXIM-MAX3801UTG+ Datasheet
1Mb / 10P
   3.2Gbps Adaptive Equalizer
19-1999; Rev 4; 7/04
More results

Similar Description - MAX3800

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3802 MAXIM-MAX3802 Datasheet
830Kb / 12P
   3.2Gbps Quad Adaptive Cable Equalizer with Cable Driver
19-2289; Rev 0; 1/02
MAX3801 MAXIM-MAX3801 Datasheet
1Mb / 10P
   3.2Gbps Adaptive Equalizer
19-1999; Rev 4; 7/04
logo
Semtech Corporation
GS3490 SEMTECH-GS3490 Datasheet
1Mb / 22P
   Configurable Adaptive Cable Equalizer/Cable Driver
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com