Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX378CPE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX378CPE
Description  High-Voltage, Fault-Protected Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX378CPE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX378CPE Datasheet HTML 1Page - Maxim Integrated Products MAX378CPE Datasheet HTML 2Page - Maxim Integrated Products MAX378CPE Datasheet HTML 3Page - Maxim Integrated Products MAX378CPE Datasheet HTML 4Page - Maxim Integrated Products MAX378CPE Datasheet HTML 5Page - Maxim Integrated Products MAX378CPE Datasheet HTML 6Page - Maxim Integrated Products MAX378CPE Datasheet HTML 7Page - Maxim Integrated Products MAX378CPE Datasheet HTML 8Page - Maxim Integrated Products MAX378CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
High-Voltage, Fault-Protected
Analog Multiplexers
4
_______________________________________________________________________________________
1m
10p
-100
-50
50
100
INPUT LEAKAGE vs.
INPUT VOLTAGE WITH V+ = V- = 0V
1n
10
µ
VIN (V)
0
100n
100p
10n
100
µ
1
µ
OPERATING
RANGE
100
µ
1p
-120
-60
60
120
OFF CHANNEL LEAKAGE CURRENT vs.
INPUT VOLTAGE WITH ±15V SUPPLIES
100p
1
µ
VIN (V)
0
10n
10p
1n
10
µ
100n
OPERATING
RANGE
10n
1p
-120
-60
60
120
OUTPUT LEAKAGE CURRENT vs. OFF CHANNEL
OVERVOLTAGE WITH ±15V SUPPLIES
100p
VIN(OFF) (V)
0
10p
1n
OPERATING
RANGE
0
-10
-5
5
15
-15
0
20
DRAIN-SOURCE ON-RESISTANCE vs.
ANALOG INPUT VOLTAGE
ANALOG INPUT (V)
10
1
3
2
4
5
6
7
±5V
SUPPLIES
±15V
SUPPLIES
+13V
+13V
+3.5V
+4V
__________________________________________Typical Operating Characteristics
NOTE: Typical RDS(ON) match @ +10V
Analog in (±15V supplies) = 2%
for lowest to highest RDS(ON)
channel; @ -10V Analog in,
match = 3%.
MAX378
GND
14pF
PROBE
OUT
+VAH
IN8
IN2-IN7
IN1
IN2
A2
A1
VA
MAX378: VAH = 3.0V
0V
-10V
OUTPUT A
90%
+10V
50%
tA
A0
10V
EN
10M
50
±10V
ADDRESS
DRIVE (VA)
Figure 1. Access Time vs. Logic Level (High)


Similar Part No. - MAX378CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3781 MAXIM-MAX3781 Datasheet
300Kb / 5P
   Evaluation Kit
Rev 1; 10/01
MAX3781EVKIT MAXIM-MAX3781EVKIT Datasheet
300Kb / 5P
   Evaluation Kit
Rev 1; 10/01
MAX3783 MAXIM-MAX3783 Datasheet
198Kb / 8P
   2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
MAX3783UCM MAXIM-MAX3783UCM Datasheet
198Kb / 8P
   2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
MAX3783UCM++ MAXIM-MAX3783UCM+ Datasheet
198Kb / 8P
   2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
More results

Similar Description - MAX378CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
logo
Analog Devices
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com