Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0931 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # 9DBV0931
Description  Programmable Slew rate for each output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBV0931 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button 9DBV0931 Datasheet HTML 9Page - Integrated Circuit Systems 9DBV0931 Datasheet HTML 10Page - Integrated Circuit Systems 9DBV0931 Datasheet HTML 11Page - Integrated Circuit Systems 9DBV0931 Datasheet HTML 12Page - Integrated Circuit Systems 9DBV0931 Datasheet HTML 13Page - Integrated Circuit Systems 9DBV0931 Datasheet HTML 14Page - Integrated Circuit Systems 9DBV0931 Datasheet HTML 15Page - Integrated Circuit Systems 9DBV0931 Datasheet HTML 16Page - Integrated Circuit Systems 9DBV0931 Datasheet HTML 17Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
9 O/P 1.8V PCIE GEN1-2-3 FAN-OUT BUFFER
14
REVISION C 08/28/14
9DBV0931 DATASHEET
Marking Diagrams
Notes:
1. “LOT” is the lot sequence number.
2. “COO” denotes country of origin.
3. YYWW is the last two digits of the year and week that the part was assembled.
4. Line 2: truncated part number
5. “L” denotes RoHS compliant package.
6. “I” denotes industrial temperature range device.
Thermal Characteristics
ICS
DBV0931AL
YYWW
COO
LOT
ICS
BV0931AIL
YYWW
COO
LOT
PARAMETER
SYMBOL
CONDITIONS
PKG
TYP
VALUE
UNITS
NOTES
θJC
Junction to Case
33
°C/W
1
θJb
Junction to Base
2.1
°C/W
1
θJA0
Junction to Air, still air
37
°C/W
1
θJA1
Junction to Air, 1 m/s air flow
30
°C/W
1
θJA3
Junction to Air, 3 m/s air flow
27
°C/W
1
θJA5
Junction to Air, 5 m/s air flow
26
°C/W
1
1ePad soldered to board
NDG48
Thermal Resistance


Similar Part No. - 9DBV0931

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0931 IDT-9DBV0931 Datasheet
208Kb / 17P
   Programmable Slew rate for each output
9DBV0931 IDT-9DBV0931 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0931AKILF IDT-9DBV0931AKILF Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0931AKILF IDT-9DBV0931AKILF Datasheet
254Kb / 18P
   9-Output 1.8V HCSL Fanout Buffer
logo
Renesas Technology Corp
9DBV0931AKILF RENESAS-9DBV0931AKILF Datasheet
1Mb / 28P
   5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5
February 6, 2023
More results

Similar Description - 9DBV0931

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841 Datasheet
207Kb / 16P
   Programmable Slew rate for each output
9FGV0431 IDT-9FGV0431 Datasheet
225Kb / 15P
   Programmable Slew rate for each output
9FGV0841 IDT-9FGV0841 Datasheet
212Kb / 16P
   Programmable Slew rate for each output
9FGU0631 IDT-9FGU0631 Datasheet
201Kb / 15P
   Programmable Slew rate for each output
9FGU0431 IDT-9FGU0431 Datasheet
199Kb / 15P
   Programmable Slew rate for each output
9FGU0641 IDT-9FGU0641 Datasheet
211Kb / 15P
   Programmable Slew rate for each output
9FGU0831 IDT-9FGU0831 Datasheet
191Kb / 16P
   Programmable Slew rate for each output
9FGV0231 IDT-9FGV0231 Datasheet
223Kb / 15P
   Programmable Slew rate for each output
9FGV0241 IDT-9FGV0241 Datasheet
230Kb / 15P
   Programmable Slew rate for each output
9FGV0441 IDT-9FGV0441 Datasheet
230Kb / 15P
   Programmable Slew rate for each output
9DBV0931 IDT-9DBV0931 Datasheet
208Kb / 17P
   Programmable Slew rate for each output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com