Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBU0441 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # 9DBU0441
Description  slew rate for each output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBU0441 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  9DBU0441 Datasheet HTML 1Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 2Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 3Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 4Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 5Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 6Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 7Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 8Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REVISION C 04/22/15
5
4 O/P 1.5V PCIE GEN1-2-3 ZDB/FOB W/ZO=100OHMS
9DBU0441 DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 9DBU0441. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
Electrical Characteristics–Clock Input Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDDx
-0.5
2
V
1,2
Input Voltage
VIN
-0.5
VDD+0.5
V
1,3
Input High Voltage, SMBus
VIHSMB
SMBus clock and data pins
3.3
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
3 Not to exceed 2.0V.
TA = TAMB, Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input Common Mode
Voltage - DIF_IN
VCOM
Common Mode Input Voltage
200
725
mV
1
Input Swing - DIF_IN
VSWING
Differential value
300
1450
mV
1
Input Slew Rate - DIF_IN
dv/dt
Measured differentially
0.4
8
V/ns
1,2
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
Input Duty Cycle
dtin
Measurement from differential wavefrom
45
50
55
%
1
Input Jitter - Cycle to Cycle
JDIFIn
Differential Measurement
0
150
ps
1
1 Guaranteed by design and characterization, not 100% tested in production.
2 Slew rate measured through +/-75mV window centered around differential zero


Similar Part No. - 9DBU0441

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBU0441 IDT-9DBU0441 Datasheet
195Kb / 16P
   HCSL-compatible differential input
logo
Renesas Technology Corp
9DBU0441 RENESAS-9DBU0441 Datasheet
3Mb / 17P
   4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
4/22/15
More results

Similar Description - 9DBU0441

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0541 ICST-9DBU0541 Datasheet
190Kb / 16P
   slew rate for each output
9DBU0741 ICST-9DBU0741 Datasheet
225Kb / 17P
   slew rate for each output
9DBU0831 ICST-9DBU0831 Datasheet
308Kb / 17P
   slew rate for each output
9DBU0231 ICST-9DBU0231 Datasheet
295Kb / 17P
   slew rate for each output
9DBU0431 ICST-9DBU0431 Datasheet
194Kb / 16P
   slew rate for each output
9DBV0231 ICST-9DBV0231 Datasheet
306Kb / 17P
   slew rate for each output
9DBV0241 ICST-9DBV0241 Datasheet
311Kb / 17P
   slew rate for each output
9DBU0941 ICST-9DBU0941 Datasheet
303Kb / 17P
   slew rate for each output
9DBU0531 ICST-9DBU0531 Datasheet
184Kb / 16P
   slew rate for each output
9DBU0841 ICST-9DBU0841 Datasheet
309Kb / 17P
   slew rate for each output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com