Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBU0241 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # 9DBU0241
Description  slew rate for each output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBU0241 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button 9DBU0241 Datasheet HTML 5Page - Integrated Circuit Systems 9DBU0241 Datasheet HTML 6Page - Integrated Circuit Systems 9DBU0241 Datasheet HTML 7Page - Integrated Circuit Systems 9DBU0241 Datasheet HTML 8Page - Integrated Circuit Systems 9DBU0241 Datasheet HTML 9Page - Integrated Circuit Systems 9DBU0241 Datasheet HTML 10Page - Integrated Circuit Systems 9DBU0241 Datasheet HTML 11Page - Integrated Circuit Systems 9DBU0241 Datasheet HTML 12Page - Integrated Circuit Systems 9DBU0241 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REVISION C 04/22/15
9
2 O/P 1.5V PCIE GEN1-2-3 ZDB/FOB W/ZO=100OHMS
9DBU0241 DATASHEET
Additive Phase Jitter Plot: 125M (12kHz to 20MHz)
RMS additive jitter: 313fs


Similar Part No. - 9DBU0241

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBU0241 IDT-9DBU0241 Datasheet
296Kb / 17P
   HCSL-compatible differential input
logo
Renesas Technology Corp
9DBU0241 RENESAS-9DBU0241 Datasheet
3Mb / 18P
   2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
04/22/15
More results

Similar Description - 9DBU0241

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0541 ICST-9DBU0541 Datasheet
190Kb / 16P
   slew rate for each output
9DBU0741 ICST-9DBU0741 Datasheet
225Kb / 17P
   slew rate for each output
9DBU0831 ICST-9DBU0831 Datasheet
308Kb / 17P
   slew rate for each output
9DBU0231 ICST-9DBU0231 Datasheet
295Kb / 17P
   slew rate for each output
9DBU0431 ICST-9DBU0431 Datasheet
194Kb / 16P
   slew rate for each output
9DBU0441 ICST-9DBU0441 Datasheet
195Kb / 16P
   slew rate for each output
9DBV0231 ICST-9DBV0231 Datasheet
306Kb / 17P
   slew rate for each output
9DBV0241 ICST-9DBV0241 Datasheet
311Kb / 17P
   slew rate for each output
9DBU0941 ICST-9DBU0941 Datasheet
303Kb / 17P
   slew rate for each output
9DBU0531 ICST-9DBU0531 Datasheet
184Kb / 16P
   slew rate for each output
9DBU0841 ICST-9DBU0841 Datasheet
309Kb / 17P
   slew rate for each output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com