Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX3676 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX3676
Description  622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3676 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
622Mbps, 3.3V Clock-Recovery and
Data-Retiming IC with Limiting Amplifier
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
2.0
3.0
2.5
3.5
4.0
4.5
5.0
-40
0
-20
20
40
60
80
100
LOSS-OF-POWER
HYSTERESIS vs. TEMPERATURE
AMBIENT TEMPERATURE (°C)
223 -1 PATTERN
VCC = +3.3V OR +5.0V
RECEIVED-SIGNAL-STRENGTH INDICATOR
vs. INPUT VOLTAGE
2.7
1.1
0.1
10
100
1.0
1000
1.3
1.5
INPUT VOLTAGE (mVp-p)
1.7
1.9
2.1
2.3
2.5
223 -1 PATTERN
1010 PATTERN
100
1
1.3
1.2
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
LOSS-OF-POWER
ASSERT AND RELEASE LEVEL
vs. DETECTOR THRESHOLD VOLTAGE
DETECTOR THRESHOLD VOLTAGE, VTH (V)
10
LOP RELEASE
LOP ASSERT
223 -1 PATTERN
2.7
1.1
0.1
10
100
1.0
1000
RECEIVED-SIGNAL-STRENGTH INDICATOR
vs. INPUT VOLTAGE
1.3
1.5
INPUT VOLTAGE (mVp-p)
1.7
1.9
2.1
2.3
2.5
223 -1 PATTERN
VCC = +3.3V OR +5.0V
30
50
40
70
60
80
90
100
-40
0
20
-20
40
60
80
100
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = +5.0V
VCC = +3.3V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn