Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX3676 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX3676
Description  622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3676 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
622Mbps, 3.3V Clock-Recovery and
Data-Retiming IC with Limiting Amplifier
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
400ps/div
CLOCK
DATA
RECOVERED DATA AND
CLOCK (SINGLE ENDED)
223 -1 PATTERN
20ps/div
RECOVERED CLOCK JITTER
223 -1 PATTERN
WIDEBAND RMS
JITTER = 5.84ps
10-2
10-3
10-4
10-5
10-6
10-7
10-8
10-9
10-10
10-11
10-12
600
µ
500
µ
400
µ
800
µ
700
µ
900
µ 1m 1.1m 1.2m
BIT ERROR RATE
vs. ADI INPUT VOLTAGE
INPUT VOLTAGE (V)
223 -1 PATTERN
10
0.1
10k
100k
1M
10M
JITTER TOLERANCE
JITTER FREQUENCY (Hz)
1
223 -1 PATTERN
BELLCORE
MASK
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-2.2
-2.4
-2.6
-2.8
-3.0
2k
10k
100k
700k
JITTER TRANSFER
JITTER FREQUENCY (Hz)
223 - 1 PRBS
BELLCORE
MASK
0
10
5
20
15
25
30
1.5
2.4
2.0 2.2
3.0
2.6 2.8
3.5
DISTRIBUTION OF JITTER TOLERANCE
(WORST-CASE CONDITIONS)
JITTER TOLERANCE (UIp-p)
fJITTER = 25kHz
VCC = +3.0V
TA = +85°C
MEAN = 2.42UI
σ = 0.227UI


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn