Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV165A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LV165A
Description  8-bit parallel-in/serial-out shift register
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV165A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LV165A_15 Datasheet HTML 6Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 7Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 8Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 9Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 10Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 11Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 12Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 13Page - NXP Semiconductors 74LV165A_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74LV165A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 28 March 2014
10 of 19
NXP Semiconductors
74LV165A
8-bit parallel-in/serial-out shift register
[1]
Typical values are measured at Tamb = 25 °C and nominal VCC.
[2]
tpd is the same as tPHL and tPLH.
[3]
Typical values are measured at VCC = 2.5 V.
[4]
Typical values are measured at VCC = 3.3 V.
[5]
Typical values are measured at VCC = 5.0 V.
[6]
CPD is used to determine the dynamic power dissipation PD = CPD  VCC2  fi + (CL  VCC2  fo) (PD in W), where:
fi = input frequency in MHz;
fo = output frequency in MHz;
 (C
L  VCC
2
 f
o) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
11. Waveforms
CPD
power
dissipation
capacitance
VI =GND to VCC; VCC = 3.3 V
[6]
-24
-pF
Table 7.
Dynamic characteristics …continued
GND (ground = 0 V); for test circuit, see Figure 12
Symbol Parameter
Conditions
Tamb = 40 C to +85 C
Unit
Min
Typ[1]
Max
Measurement points are given in Table 8.
The changing to output assumes that internal Q6 is opposite state from Q7.
Fig 7.
Clock pulse (CP) and clock enable (CE) to output (Q7 or Q7) propagation delays, clock pulse width and
maximum clock frequency


Similar Part No. - 74LV165A_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV165A-Q100 NEXPERIA-74LV165A-Q100 Datasheet
779Kb / 19P
   8-bit parallel-in/serial-out shift register
logo
NXP Semiconductors
74LV165AD PHILIPS-74LV165AD Datasheet
102Kb / 18P
   8-bit parallel-in/serial-out shift register
2003 Jul 23
logo
Nexperia B.V. All right...
74LV165AD NEXPERIA-74LV165AD Datasheet
810Kb / 19P
   8-bit parallel-in/serial-out shift register
Rev. 4 - 28 March 2014
74LV165AD-Q100 NEXPERIA-74LV165AD-Q100 Datasheet
779Kb / 19P
   8-bit parallel-in/serial-out shift register
logo
NXP Semiconductors
74LV165APW PHILIPS-74LV165APW Datasheet
102Kb / 18P
   8-bit parallel-in/serial-out shift register
2003 Jul 23
More results

Similar Description - 74LV165A_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com