Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX3675 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX3675
Description  622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3675 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
622Mbps, Low-Power, 3.3V Clock-Recovery
and Data-Retiming IC with Limiting Amplifier
_______________________________________________________________________________________
5
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
2.0
2.6
2.4
2.2
2.8
3.0
3.2
3.4
3.6
3.8
4.0
-40
0
-20
20
40
60
80
LOSS-OF-POWER
HYSTERESIS vs. TEMPERATURE
AMBIENT TEMPERATURE (°C)
223 -1 PATTERN
VCC = +3.3V OR +5.0V
2.8
1.2
100
µ
10m
100m
1m
1
RECEIVED-SIGNAL-STRENTH INDICATOR
vs. INPUT VOLTAGE
1.4
1.6
INPUT VOLTAGE (Vp-p)
1.8
2.0
2.2
2.4
2.6
VCC = +3.3V
223 -1 PATTERN
1010 PATTERN
100m
1m
1.3
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
LOSS-OF-POWER
ASSERT AND RELEASE LEVEL
vs. THRESHOLD VOLTAGE
DETECTOR THRESHOLD VOLTAGE, VTH (V)
10m
LOP RELEASE
LOP ASSERT
223 -1 PATTERN
VCC = +3.3V
2.8
1.2
100
µ
10m
100m
1m
1
RECEIVED-SIGNAL-STRENGTH INDICATOR
vs. INPUT VOLTAGE
1.4
1.6
INPUT VOLTAGE (Vp-p)
1.8
2.0
2.2
2.4
2.6
VCC = 5.0V
VCC = 3.3V
223 -1 PATTERN
30
50
40
70
60
80
90
-40
0
20
-20
40
60
80
SUPPLY CURRENT
vs. TEMPERATURE
AMBIENT TEMPERATURE (°C)
VCC = 3.3V
VCC = 5.0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn