Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX3675 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part No. MAX3675
Description  622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3675 Datasheet(HTML) 14 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
622Mbps, Low-Power, 3.3V Clock-Recovery
and Data-Retiming IC with Limiting Amplifier
14
______________________________________________________________________________________
__________________Pin Configuration
25
26
27
28
29
30
31
32
9
10
11
12
13
14
15
16
CFILT
MAX3675
TOP VIEW
GND
VCC
SDO+
SDO-
VCC
SCLKO+
SCLKO-
VCC
VCC
ADI+
ADI-
INSEL
DDI-
DDI+
GND
TQFP
___________________Chip Topography
GND
DDI+
DDI-
INSEL
ADI-
OLC+
RSSI
INV
LOP
OLC-
GND
VTH
GND
ADI+
VCC
CFILT
GND
VCC
SDO+
SDO-
VCC
SCLKO+
SCLKO-
VCC
GND
FIL-
VCC
PHADJ+
FIL+
VCC
LOL
PHADJ-
0.069"
(1.753mm)
0.068"
(1.727mm)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn