Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX3675 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part No. MAX3675
Description  622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3675 Datasheet(HTML) 10 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
622Mbps, Low-Power, 3.3V Clock-Recovery
and Data-Retiming IC with Limiting Amplifier
10
______________________________________________________________________________________
The MAX3675 is optimally designed to acquire lock and
to provide a bit-error rate (BER) of less than 10-10 for long
strings of consecutive zeros and ones. Using the recom-
mended external component values of RF = 52.3
Ω ±1%
and CF = 2.2µF ±20%, measured results show that the
MAX3675 can tolerate 1000 consecutive ones or zeros. It
is important to select a type of capacitor for CF that has a
temperature stability of ±10% or better. This ensures per-
formance over the -40°C to +85°C temperature range.
Lock Detect
The MAX3675’s loss-of-lock (LOL) monitor indicates
when the PLL is locked. Under normal operation, the
loop is locked and the LOL output signal is high. When
the MAX3675 loses lock, a fast negative-edge transition
occurs on LOL. The output level remains at a low
level (held by CLOL) until the loop reacquires lock
(Figure 4).
Note that the LOL monitor is only valid when a data
stream is present on the inputs to the MAX3675. As a
result, LOL does not detect a loss-of-power condition
resulting from a loss of the incoming signal. See the
Loss-of-Power (LOP) Monitor section for this type of
indicator.
Input and Output Terminations
The MAX3675 digital data and clock I/Os (DDI+, DDI-,
SDO+, SDO-, SCLK+, and SCLK-) are designed to
interface with PECL signal levels. It is important to bias
these ports appropriately. A circuit that provides a
Thevenin equivalent of 50
Ω to VCC - 2V should be used
with fixed-impedance transmission lines for proper ter-
mination. Make sure that the differential outputs have
balanced loads.
The digital data input signals (DDI+ and DDI-) are dif-
ferential inputs to an emitter-coupled pair. As a result,
the MAX3675 can accept differential input signals as
low as 250mV. These inputs can also be driven single-
ended by externally biasing DDI- to the center of the
voltage swing.
The MAX3675’s performance can be greatly affected
by circuit board layout and design. Use good high-fre-
quency design techniques, including minimizing
ground inductance and using fixed-impedance trans-
mission lines on the data and clock signals. Power-sup-
ply decoupling should be placed as close to VCC as
possible. Take care to isolate the input from the output
signals to reduce feedthrough.
__________Applications Information
Driving the Limiting Amplifier
Single-Ended
There are three important requirements for driving the
limiting amplifier from a single-ended source (Figure 5):
1) There must be no DC coupling to the ADI+ and ADI-
inputs. DC levels at these inputs disrupt the
offset-correction loop.
2) The terminating resistor RT (50
Ω) must be referenced
to the ADI- input to minimize common-mode coupling
problems.
3) The low-frequency cutoff for the limiting amplifier
is determined by either CIN and the 2.5k
Ω input
impedance or Cb/2 together with RT. With Cb = 0.22µF
and RT = 50Ω, the low-frequency cutoff is 29kHz.
ACQUIRE
NO DATA
LOP
LOCKED
TIME
LOL
Figure 4. Loss-of-Lock Output
CIN
5.6nF
Cb
0.22
µF
Cb
0.22
µF
RT
50
2.5k
ADI+
ADI-
MAX3675
Figure 5. Single-Ended Input Termination


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn