Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV123 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LV123
Description  74LV123_15
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV123 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV123_15 Datasheet HTML 3Page - NXP Semiconductors 74LV123_15 Datasheet HTML 4Page - NXP Semiconductors 74LV123_15 Datasheet HTML 5Page - NXP Semiconductors 74LV123_15 Datasheet HTML 6Page - NXP Semiconductors 74LV123_15 Datasheet HTML 7Page - NXP Semiconductors 74LV123_15 Datasheet HTML 8Page - NXP Semiconductors 74LV123_15 Datasheet HTML 9Page - NXP Semiconductors 74LV123_15 Datasheet HTML 10Page - NXP Semiconductors 74LV123_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
74LV123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 12 December 2011
7 of 24
NXP Semiconductors
74LV123
Dual retriggerable monostable multivibrator with reset
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For DIP16 package: Ptot derates linearly with 12 mW/K above 70 C.
[3]
For SO16 package: Ptot derates linearly with 8 mW/K above 70 C.
[4]
For SSOP16 and TSSOP16 packages: Ptot derates linearly with 5.5 mW/K above 60 C.
[5]
For DHVQFN16 package: Ptot derates linearly with 4.5 mW/K above 60 C.
8.
Recommended operating conditions
[1]
The 74LV123 is guaranteed to function down to VCC = 1.0 V (input levels GND or VCC); Section 9 “Static characteristics” are guaranteed
from VCC = 1.2 V to VCC = 5.5 V.
[2]
Except for Schmitt-trigger inputs nA and nB.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
[1] -
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
[1] -
50
mA
IO
output current
except for pins nREXT/CEXT;
VO = 0.5 V to (VCC +0.5 V)
[1] -
25
mA
ICC
supply current
-
+50
mA
IGND
ground current
-
50
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
DIP16 package
[2] -
750
mW
SO16 package
[3] -
500
mW
SSOP16 package
[4] -
500
mW
TSSOP16 package
[4] -
500
mW
DHVQFN16 package
[5] -
500
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
[1] 1.0
3.3
5.5
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
in free air
40
+25
+125
C
t/V
input transition rise and fall rate
VCC = 1.0 V to 2.0 V
[2] -
-
500
ns/V
VCC = 2.0 V to 2.7 V
-
-
200
ns/V
VCC = 2.7 V to 3.6 V
-
-
100
ns/V
VCC = 3.6 V to 5.5 V
-
-
50
ns/V


Similar Part No. - 74LV123_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV123A TI-74LV123A Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
NXP Semiconductors
74LV123BQ NXP-74LV123BQ Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74LV123BQ PHILIPS-74LV123BQ Datasheet
278Kb / 24P
   Dual retriggerable monostable multivibrator with reset Rev. 7 ??12 December 2011
Rev. 7-12 December 2011
logo
Nexperia B.V. All right...
74LV123BQ NEXPERIA-74LV123BQ Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
logo
NXP Semiconductors
74LV123D PHILIPS-74LV123D Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com