Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC7014 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC7014
Description  Hex non-inverting precision Schmitt-trigger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7014 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC7014_15 Datasheet HTML 1Page - NXP Semiconductors 74HC7014_15 Datasheet HTML 2Page - NXP Semiconductors 74HC7014_15 Datasheet HTML 3Page - NXP Semiconductors 74HC7014_15 Datasheet HTML 4Page - NXP Semiconductors 74HC7014_15 Datasheet HTML 5Page - NXP Semiconductors 74HC7014_15 Datasheet HTML 6Page - NXP Semiconductors 74HC7014_15 Datasheet HTML 7Page - NXP Semiconductors 74HC7014_15 Datasheet HTML 8Page - NXP Semiconductors 74HC7014_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74HC7014
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 30 April 2014
2 of 13
NXP Semiconductors
74HC7014
Hex non-inverting precision Schmitt-trigger
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
aaa-012607
1A
1Y
2
1
2A
2Y
4
3
3A
3Y
6
5
4A
4Y
8
9
5A
5Y
10
11
6A
6Y
12
13
aaa-012609
12
34
56
98
11
10
13
12
aaa-012611
AY
Fig 4.
Pin configuration
74HC7014
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
aaa-012606
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 2.
Pin description
Symbol
Pin
Description
1A to 6A
1, 3, 5, 9, 11, 13
data input
1Y to 6Y
2, 4, 6, 8, 10, 12
data output
GND
7
ground (0 V)
VCC
14
supply voltage


Similar Part No. - 74HC7014_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC7014-Q100 NEXPERIA-74HC7014-Q100 Datasheet
833Kb / 12P
   Hex non-inverting precision Schmitt-trigger
logo
NXP Semiconductors
74HC7014D PHILIPS-74HC7014D Datasheet
61Kb / 9P
   Hex non-inverting precision Schmitt-trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC7014D NEXPERIA-74HC7014D Datasheet
209Kb / 11P
   Hex non-inverting precision Schmitt-trigger
Rev. 5 - 7 July 2022
74HC7014D-Q100 NEXPERIA-74HC7014D-Q100 Datasheet
833Kb / 12P
   Hex non-inverting precision Schmitt-trigger
logo
NXP Semiconductors
74HC7014N PHILIPS-74HC7014N Datasheet
61Kb / 9P
   Hex non-inverting precision Schmitt-trigger
1998 Jul 08
More results

Similar Description - 74HC7014_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC7014-Q100 NEXPERIA-74HC7014-Q100 Datasheet
833Kb / 12P
   Hex non-inverting precision Schmitt-trigger
logo
NXP Semiconductors
74HC7014 PHILIPS-74HC7014 Datasheet
61Kb / 9P
   Hex non-inverting precision Schmitt-trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC7014 NEXPERIA-74HC7014 Datasheet
209Kb / 11P
   Hex non-inverting precision Schmitt-trigger
Rev. 5 - 7 July 2022
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com