Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4050 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC4050
Description  Hex non-inverting HIGH-to-LOW level shifter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4050 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC4050_15 Datasheet HTML 1Page - NXP Semiconductors 74HC4050_15 Datasheet HTML 2Page - NXP Semiconductors 74HC4050_15 Datasheet HTML 3Page - NXP Semiconductors 74HC4050_15 Datasheet HTML 4Page - NXP Semiconductors 74HC4050_15 Datasheet HTML 5Page - NXP Semiconductors 74HC4050_15 Datasheet HTML 6Page - NXP Semiconductors 74HC4050_15 Datasheet HTML 7Page - NXP Semiconductors 74HC4050_15 Datasheet HTML 8Page - NXP Semiconductors 74HC4050_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
74HC4050
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 31 January 2013
4 of 15
NXP Semiconductors
74HC4050
Hex non-inverting HIGH-to-LOW level shifter
8.
Recommended operating conditions
9.
Static characteristics
Fig 6.
Input protection for the 74HC4050
001aan375
100
Ω
D1
polysilicon
resistor
to logic
circuit
input
GND
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
15
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
40
+25
+125
C
t/V
input transition rise and fall rate
VCC = 2.0 V; VI = 2.0 V
-
-
625
ns/V
VCC = 4.5 V; VI = 4.5 V
-
1.67
139
ns/V
VCC = 6.0 V; VI = 6.0 V
-
-
83
ns/V
VCC = 6.0 V; VI = 10.0 V -
-
81
ns/V
VCC = 6.0 V; VI = 15.0 V -
-
83
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to
+85
C
Tamb = 40 C to
+125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
1.3
-
1.5
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
3.15
-
V
VCC = 6.0 V
4.2
3.1
-
4.2
-
4.2
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
0.7
0.5
-
0.5
-
0.5
V
VCC = 4.5 V
-
1.8
1.35
-
1.35
-
1.35
V
VCC = 6.0 V
-
2.3
1.8
-
1.8
-
1.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = 20 A; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = 20 A; VCC = 6.0 V
5.9
6.0
-
5.9
-
5.9
-
V
IO = 4.0 mA; VCC = 4.5 V
3.98
-
-
3.84
-
3.7
-
V
IO = 5.2 mA; VCC = 6.0 V
5.48
-
-
5.34
-
5.2
-
V


Similar Part No. - 74HC4050_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4050-Q100 NEXPERIA-74HC4050-Q100 Datasheet
703Kb / 13P
   Hex non-inverting HIGH-to-LOW level shifter
logo
Toshiba Semiconductor
74HC4050AF TOSHIBA-74HC4050AF Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
NXP Semiconductors
74HC4050D PHILIPS-74HC4050D Datasheet
40Kb / 7P
   Hex high-to-low level shifter
December 1990
logo
Toshiba Semiconductor
74HC4050D TOSHIBA-74HC4050D Datasheet
205Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.4.0
logo
Nexperia B.V. All right...
74HC4050D NEXPERIA-74HC4050D Datasheet
219Kb / 11P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
More results

Similar Description - 74HC4050_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4050-Q100 NEXPERIA-74HC4050-Q100 Datasheet
703Kb / 13P
   Hex non-inverting HIGH-to-LOW level shifter
74HC4050 NEXPERIA-74HC4050 Datasheet
219Kb / 11P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
logo
NXP Semiconductors
74HC4049 PHILIPS-74HC4049 Datasheet
41Kb / 7P
   Hex inverting high-to-low level shifter
December 1990
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049_15 Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
U74HC4049 UTC-U74HC4049 Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
Nexperia B.V. All right...
74HC4049 NEXPERIA-74HC4049 Datasheet
221Kb / 11P
   Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
   Hex high-to-low level shifter
December 1990
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com