Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC137 Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. 74HC137
Description  3-to-8 line decoder, demultiplexer with address latches; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC137 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC137_15 Datasheet HTML 5Page - NXP Semiconductors 74HC137_15 Datasheet HTML 6Page - NXP Semiconductors 74HC137_15 Datasheet HTML 7Page - NXP Semiconductors 74HC137_15 Datasheet HTML 8Page - NXP Semiconductors 74HC137_15 Datasheet HTML 9Page - NXP Semiconductors 74HC137_15 Datasheet HTML 10Page - NXP Semiconductors 74HC137_15 Datasheet HTML 11Page - NXP Semiconductors 74HC137_15 Datasheet HTML 12Page - NXP Semiconductors 74HC137_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9397 750 13804
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 November 2004
9 of 19
Philips Semiconductors
74HC137
3-to-8 line decoder, demultiplexer with address latches; inverting
11. Dynamic characteristics
Table 8:
Dynamic characteristics
GND = 0 V; tr =tf = 6 ns; CL = 50 pF.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay An to Yn
see Figure 6
VCC = 2.0 V
-
58
180
ns
VCC = 4.5 V
-
21
36
ns
VCC = 6.0 V
-
17
31
ns
VCC = 5.0 V; CL =15pF
-
18
-
ns
propagation delay LE to Yn
see Figure 7
VCC = 2.0 V
-
55
190
ns
VCC = 4.5 V
-
20
38
ns
VCC = 6.0 V
-
16
32
ns
VCC = 5.0 V; CL =15pF
-
17
-
ns
propagation delay E1 to Yn
see Figure 7
VCC = 2.0 V
-
50
145
ns
VCC = 4.5 V
-
18
29
ns
VCC = 6.0 V
-
14
25
ns
VCC = 5.0 V; CL =15pF
-
15
-
ns
propagation delay E2 to Yn
see Figure 6
VCC = 2.0 V
-
50
145
ns
VCC = 4.5 V
-
18
29
ns
VCC = 6.0 V
-
14
25
ns
VCC = 5.0 V; CL =15pF
-
15
-
ns
tTHL, tTLH
output transition time
see Figure 6
VCC = 2.0 V
-
19
75
ns
VCC = 4.5 V
-
7
15
ns
VCC = 6.0 V
-
6
13
ns
tW
LE pulse width HIGH
see Figure 8
VCC = 2.0 V
50
11
-
ns
VCC = 4.5 V
10
4
-
ns
VCC = 6.0 V
9
3
-
ns
tsu
set-up time An to LE
see Figure 8
VCC = 2.0 V
50
3
-
ns
VCC = 4.5 V
10
1
-
ns
VCC = 6.0 V
9
1
-
ns
th
hold time An to LE
see Figure 8
VCC = 2.0 V
30
3
-
ns
VCC = 4.5 V
6
1
-
ns
VCC = 6.0 V
5
1
-
ns
CPD
power dissipation capacitance
VI = GND to VCC
[1] -57
-
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn