Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC137 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74HC137
Description  3-to-8 line decoder, demultiplexer with address latches; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC137 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC137_15 Datasheet HTML 2Page - NXP Semiconductors 74HC137_15 Datasheet HTML 3Page - NXP Semiconductors 74HC137_15 Datasheet HTML 4Page - NXP Semiconductors 74HC137_15 Datasheet HTML 5Page - NXP Semiconductors 74HC137_15 Datasheet HTML 6Page - NXP Semiconductors 74HC137_15 Datasheet HTML 7Page - NXP Semiconductors 74HC137_15 Datasheet HTML 8Page - NXP Semiconductors 74HC137_15 Datasheet HTML 9Page - NXP Semiconductors 74HC137_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
9397 750 13804
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 November 2004
6 of 19
Philips Semiconductors
74HC137
3-to-8 line decoder, demultiplexer with address latches; inverting
8.
Limiting values
[1]
Above 70
°C: P
tot derates linearly with 12 mW/K.
[2]
Above 70
°C: P
tot derates linearly with 8 mW/K.
9.
Recommended operating conditions
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7
V
IIK
input diode current
VI < −0.5 V or VI >VCC + 0.5 V
-
±20
mA
IOK
output diode current
VO < −0.5 V or
VO >VCC + 0.5 V
-
±20
mA
IO
output source or sink
current
VO = −0.5 V to VCC + 0.5 V
-
±25
mA
ICC, IGND
VCC or GND current
-
±50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
DIP16 package
[1] -
750
mW
SO16 and SSOP16
packages
[2] -
500
mW
Table 6:
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
tr, tf
input rise and fall
times
VCC = 2.0 V
-
-
1000
ns
VCC = 4.5 V
-
6.0
500
ns
VCC = 6.0 V
-
-
400
ns
Tamb
ambient
temperature
−40
-
+125
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn