Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC137 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74HC137
Description  3-to-8 line decoder, demultiplexer with address latches; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC137 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC137_15 Datasheet HTML 1Page - NXP Semiconductors 74HC137_15 Datasheet HTML 2Page - NXP Semiconductors 74HC137_15 Datasheet HTML 3Page - NXP Semiconductors 74HC137_15 Datasheet HTML 4Page - NXP Semiconductors 74HC137_15 Datasheet HTML 5Page - NXP Semiconductors 74HC137_15 Datasheet HTML 6Page - NXP Semiconductors 74HC137_15 Datasheet HTML 7Page - NXP Semiconductors 74HC137_15 Datasheet HTML 8Page - NXP Semiconductors 74HC137_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
9397 750 13804
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 November 2004
5 of 19
Philips Semiconductors
74HC137
3-to-8 line decoder, demultiplexer with address latches; inverting
6.2 Pin description
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
Table 3:
Pin description
Symbol
Pin
Description
A0
1
data input 0
A1
2
data input 1
A2
3
data input 2
LE
4
latch enable input (active LOW)
E1
5
data enable input 1 (active LOW)
E2
6
data enable input 2 (active HIGH)
Y7
7
multiplexer output 7
GND
8
ground (0 V)
Y6
9
multiplexer output 6
Y5
10
multiplexer output 5
Y4
11
multiplexer output 4
Y3
12
multiplexer output 3
Y2
13
multiplexer output 2
Y1
14
multiplexer output 1
Y0
15
multiplexer output 0
VCC
16
positive supply voltage
Table 4:
Function table [1]
Enable
Input
Output
LE
E1
E2
A0
A1
A2
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
H
L
H
X
X
X
stable
X
H
X
X
X
X
HHHHHHHH
X
X
L
X
X
X
HHHHHHHH
L
L
H
L
L
L
L
HHHHHHH
H
L
L
H
L
HHHHHH
L
H
L
HHL
HHHHH
H
H
L
HHHL
HHHH
L
L
H
HHHHL
HHH
H
L
H
HHHHHL
HH
L
H
H
HHHHHHL
H
H
H
H
HHHHHHHL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn