Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC_HCT4538 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC_HCT4538
Description  Dual retriggerable precision monostable multivibrator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT4538 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC_HCT4538_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
74HC_HCT4538_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 June 2009
7 of 24
NXP Semiconductors
74HC4538; 74HCT4538
Dual retriggerable precision monostable multivibrator
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
Symbol Parameter
Conditions
74HC4538
74HCT4538
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
-
+125
−40
-
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC4538
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
1.2
-
1.5
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
4.2
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
-
1.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −20 µA; VCC = 6.0 V
5.9
6.0
-
5.9
-
5.9
-
V
IO = −4.0 mA; VCC = 4.5 V 3.98
4.32
-
3.84
-
3.7
-
V
IO = −5.2 mA; VCC = 6.0 V 5.48
5.81
-
5.34
-
5.2
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 20 µA; VCC = 6.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND;
VCC = 6.0 V
--
±0.1
-
±1-
±1
µA
pin nREXT/CEXT;
VI = 2.0 V or GND; other
inputs at VCC or GND;
VCC = 6.0 V [1]
--
±0.5
-
±5-
±10
µA


Similar Part No. - 74HC_HCT4538_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC/HCT4538 PHILIPS-74HC/HCT4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
More results

Similar Description - 74HC_HCT4538_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
   Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
logo
Nexperia B.V. All right...
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com