Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC_HCT4538 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC_HCT4538
Description  Dual retriggerable precision monostable multivibrator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT4538 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC_HCT4538_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
74HC_HCT4538_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 June 2009
4 of 24
NXP Semiconductors
74HC4538; 74HCT4538
Dual retriggerable precision monostable multivibrator
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 3.
Pin configuration for DIP16 and SO16
Fig 4.
Pin configuration for SSOP16 and TSSOP16
74HC4538
74HCT4538
1CEXT
VCC
1REXT/CEXT
2CEXT
1CD
2REXT/CEXT
1B
2CD
1A
2B
1Q
2A
1Q
2Q
GND
2Q
001aak190
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
74HC4538
74HCT4538
1CEXT
VCC
1REXT/CEXT
2CEXT
1CD
2REXT/CEXT
1B
2CD
1A
2B
1Q
2A
1Q
2Q
GND
2Q
001aak191
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
1CEXT, 2CEXT
1, 15
external capacitor connection (always connected to ground)
1REXT/CEXT, 2REXT/CEXT
2, 14
external capacitor/resistor connection
1CD, 2CD
3, 13
direct reset input (active LOW)
1B, 2B
4, 12
input (LOW to HIGH triggered)
1A, 2A
5, 11
input (HIGH to LOW triggered)
1Q, 2Q
6, 10
output
1Q, 2Q
7, 9
complementary output (active LOW)
GND
8
ground (0 V)
VCC
16
supply voltage


Similar Part No. - 74HC_HCT4538_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC/HCT4538 PHILIPS-74HC/HCT4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
More results

Similar Description - 74HC_HCT4538_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
   Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
logo
Nexperia B.V. All right...
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com