Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7YSZ44VCM Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7YSZ44VCM
Description  Avalanche Energy Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7YSZ44VCM Datasheet(HTML) 4 Page - International Rectifier

  IRF7YSZ44VCM_15 Datasheet HTML 1Page - International Rectifier IRF7YSZ44VCM_15 Datasheet HTML 2Page - International Rectifier IRF7YSZ44VCM_15 Datasheet HTML 3Page - International Rectifier IRF7YSZ44VCM_15 Datasheet HTML 4Page - International Rectifier IRF7YSZ44VCM_15 Datasheet HTML 5Page - International Rectifier IRF7YSZ44VCM_15 Datasheet HTML 6Page - International Rectifier IRF7YSZ44VCM_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRF7YSZ44VCM
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD , Source-to-Drain Voltage (V)
1.0
10
100
VGS = 0V
TJ = 150°C
TJ = 25°C
1
10
100
VDS, Drain-to-Source Voltage (V)
0
500
1000
1500
2000
2500
3000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs+ Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds+ Cgd
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1ms
10ms
OPERATION IN THIS AREA LIMITED
BY RDS(on)
100µs
0
5
10
15
20
25
30
35
40
QG Total Gate Charge (nC)
0
4
8
12
VDS= 48V
VDS= 30V
VDS= 12V
ID= 20A


Similar Part No. - IRF7YSZ44VCM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7YSZ44VCM IRF-IRF7YSZ44VCM Datasheet
117Kb / 7P
   HEXFET짰 POWER MOSFET THRU-HOLE (Low-ohmic TO-257AA
More results

Similar Description - IRF7YSZ44VCM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
   Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5N4905 IRF-IRF5N4905_15 Datasheet
121Kb / 7P
   Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
   Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
   Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
   Avalanche Energy Ratings
IRF5M3415 IRF-IRF5M3415_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5Y5305CM IRF-IRF5Y5305CM_15 Datasheet
110Kb / 7P
   Avalanche Energy Ratings
IRF7E3704 IRF-IRF7E3704_15 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com