Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF5Y1310CM Datasheet(PDF) 7 Page - International Rectifier

Part # IRF5Y1310CM
Description  Avalanche Energy Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5Y1310CM Datasheet(HTML) 7 Page - International Rectifier

  IRF5Y1310CM_15 Datasheet HTML 1Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 2Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 3Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 4Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 5Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 6Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
IRF5Y1310CM
Case Outline and Dimensions — TO-257AA
 Repetitive Rating; Pulse width limited by
maximum junction temperature.
ƒ ISD ≤ 18A, di/dt ≤ 340 A/µs,
VDD ≤ 100V, TJ ≤ 150°C
„ Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
‚ VDD = 25 V, Starting TJ = 25°C, L= 1.3mH
Peak IAS = 18A, VGS =10V, RG= 25Ω
Footnotes:
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 01/01


Similar Part No. - IRF5Y1310CM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5Y1310CM IRF-IRF5Y1310CM Datasheet
107Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
More results

Similar Description - IRF5Y1310CM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
   Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5N4905 IRF-IRF5N4905_15 Datasheet
121Kb / 7P
   Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
   Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
   Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
   Avalanche Energy Ratings
IRF7YSZ44VCM IRF-IRF7YSZ44VCM_15 Datasheet
117Kb / 7P
   Avalanche Energy Ratings
IRF5M3415 IRF-IRF5M3415_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5Y5305CM IRF-IRF5Y5305CM_15 Datasheet
110Kb / 7P
   Avalanche Energy Ratings
IRF7E3704 IRF-IRF7E3704_15 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com