Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRDM982 Datasheet(PDF) 26 Page - International Rectifier

Part No. IRDM982
Description  Dynamic overcurrent limit per temperature
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDM982 Datasheet(HTML) 26 Page - International Rectifier

Back Button IRDM982_15 Datasheet HTML 19Page - International Rectifier IRDM982_15 Datasheet HTML 20Page - International Rectifier IRDM982_15 Datasheet HTML 21Page - International Rectifier IRDM982_15 Datasheet HTML 22Page - International Rectifier IRDM982_15 Datasheet HTML 23Page - International Rectifier IRDM982_15 Datasheet HTML 24Page - International Rectifier IRDM982_15 Datasheet HTML 25Page - International Rectifier IRDM982_15 Datasheet HTML 26Page - International Rectifier IRDM982_15 Datasheet HTML 27Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
IRDM982 Series
26 www.irf.com
© 2015 International Rectifier
April 8, 2015
Soldering temperature profile
The following soldering temperature profile is recommended. Any temperature which may exceed those
indicated below is not recommended and may cause a permanent damage to the physical component such
as deformation.
60-80second
150C
200C
60-150second
Max
260C
221C
Figure 13 Recommended soldering temperature profile
Condition
Value
Remark
Temperature rise rate
3°C
Temperature fall rate
6°C
Number of reflow
2
Manual soldering temperature
260°C
Manual soldering time
10 second
Table 3 Recommended soldering reflow condition


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn