Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M34551M4 Datasheet(PDF) 35 Page - Mitsubishi Electric Semiconductor

Part # M34551M4
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M34551M4 Datasheet(HTML) 35 Page - Mitsubishi Electric Semiconductor

Back Button M34551M4 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M34551M4 Datasheet HTML 39Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
35
MITSUBISHI MICROCOMPUTERS
4551 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for
INFRARED REMOTE CONTROL TRANSMITTER
(8) State transition
State transition is described using Figure 36.
Fig. 36 State transition
B
C
D
K
A
F
G
H
E
MR3
← 1
MR3
← 0
MR3
← 1
MR3
← 0
MR3
← 1
MR3
← 0
MR3
← 1
MR3
← 0
(Note 2)
(Note 2)
J
f(XIN):Stop
f(XCIN) :
Oscillation
I
(Stabilizing
time
c )
(Stabilizing
time
c )
(Stabilizing
time
d ) (Stabilizing
time
d )
B
, F
C
, G
D
, H
B
, F
C
, G
D
, H
A
, E
A
, E
B
, F
C
, G
D
, H
B
, F
C
, G
D
, H
A
, E
(Note 2)
Reset
POF execution
Return input 1
(Stabilizing time a )
POF execution
Return input 1, 2
(Stabilizing time a )
POF execution
Return input 1, 2
(Stabilizing time c )
(Note 1)
Clock
operating
mode
POF execution
Return input 1, 2
(Stabilizing time c )
(Note 1)
f(XIN):Stop
f(XCIN):Stop
Clock
operating
mode
f(XIN):Oscillation
f(XCIN):Stop
System clock;
f(XIN)/4
MR=(10002)
f(XIN):Oscillation
f(XCIN):Oscillation
f(XIN):Oscillation
f(XCIN):Oscillation
f(XIN):Stop
f(XCIN):Oscillation
System clock;
f(XIN)/4
MR=(11002)
System clock;
f(XCIN)/4
MR=(11012)
System clock;
f(XCIN)/4
MR=(11112)
f(XIN):Oscillation
f(XCIN):Stop
System clock;
f(XIN)
MR=(00002)
f(XIN):Oscillation
f(XCIN):Oscillation
System clock;
f(XIN)
MR=(01002)
f(XIN):Oscillation
f(XCIN):Oscillation
System clock;
f(XCIN)
MR=(01012)
f(XIN):Stop
f(XCIN):Oscillation
System clock;
f(XCIN)
MR=(01112)
(Note 2)
POF2 execution
Return input 1
(Stabilizing time a )
POF2 execution
Return input 1
(Stabilizing time a )
POF2 execution
Return input 1
(Stabilizing time b )
POF2 execution
Return input 1
(Stabilizing time b )
f(XIN):Stop
f(XCIN):Stop
RAM
back-up
mode
Stabilizing time a : An interval required to stabilize the f(XIN) oscillation is automatically generated by hardware.
Stabilizing time b : An interval required to stabilize the f(XCIN) oscillation is automatically generated by hardware.
Stabilizing time c : Generate an interval required to stabilize the f(XIN) oscillation in state C or G by software at the
transition D
→C, D→G, H→C, H→G, J→C, or J→G.
Stabilizing time d : Generate an interval required to stabilize the f(XCIN) oscillation in state B, F by software at the
transition A
→B, E→F, A→F, or E→B.
Return input 1: External wakeup signal (P00–P03, P10–P13)
Return input 2: Timer 2 interrupt request flag
Notes 1. MR3=“1”
→The microcomputer starts its operation after counting f(XCIN) clock signal 59 to 70 times.
MR3=“0”
→The microcomputer starts its operation after counting f(XCIN) clock signal 32 to 43 times.
2. When the following 2 conditions are satisfied, the transition A
→E, B→F, A→F, C→F, G→F represented
by “
” can be executed.
(1) VDD = 2.2 V to 5.5 V (One Time PROM version: VDD = 2.5 V to 5.5 V), f(XIN)
1.0 MHz
(2) VDD = 4.5 V to 5.5 V, f(XIN)
2.0 MHz
A
, E
MR
2
0
MR
3
0
MR
2
1
MR
3
1
(Note 2)
MR
2
1
MR
2
0
MR
3
0
MR
3
1
MR
3
1
MR
0
0
MR
3
0
MR
0
1
MR
0
1
MR
0
0
MR
3
1
MR
3
0
MR
3
1
MR
1
0
MR
3
0
MR
1
1
MR
1
0
MR
3
0
MR
1
1
MR
3
1


Similar Part No. - M34551M4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M34551M4-XXXFP RENESAS-M34551M4-XXXFP Datasheet
1Mb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
More results

Similar Description - M34551M4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
4551 RENESAS-4551 Datasheet
1Mb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
logo
Mitsubishi Electric Sem...
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Sharp Corporation
SM3903 SHARP-SM3903 Datasheet
135Kb / 5P
   4-Bit Single-Chip Microcomputer(For Remote Control)
logo
NEC
UPD17225 NEC-UPD17225 Datasheet
393Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPD17215 NEC-UPD17215 Datasheet
350Kb / 84P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17230 NEC-UPD17230 Datasheet
378Kb / 92P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
PD17230 RENESAS-PD17230_15 Datasheet
534Kb / 94P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
Toshiba Semiconductor
TC9148P TOSHIBA-TC9148P Datasheet
636Kb / 10P
   FOR INFRARED REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com