Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDPS3 Datasheet(PDF) 6 Page - International Rectifier

Part # IRAUDPS3
Description  Class-D Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDPS3 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRAUDPS3_15 Datasheet HTML 2Page - International Rectifier IRAUDPS3_15 Datasheet HTML 3Page - International Rectifier IRAUDPS3_15 Datasheet HTML 4Page - International Rectifier IRAUDPS3_15 Datasheet HTML 5Page - International Rectifier IRAUDPS3_15 Datasheet HTML 6Page - International Rectifier IRAUDPS3_15 Datasheet HTML 7Page - International Rectifier IRAUDPS3_15 Datasheet HTML 8Page - International Rectifier IRAUDPS3_15 Datasheet HTML 9Page - International Rectifier IRAUDPS3_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Rev. 1.2
6/23/2015
International Rectifier
Page 6 of 20
PROPRIETARY INFORMATION - This document and the information contained therein are proprietary and are not to be reproduced, used or disclosed
to others for manufacture or any other purpose except as specifically authorized in writing by
INTERNATIONAL RECTIFIER.
3.2 Schematic
Figure 1 – Main Board Schematic
Figure 2 – Control Board Schematic


Similar Part No. - IRAUDPS3_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDPS1 IRF-IRAUDPS1 Datasheet
1Mb / 35P
   12V System Scalable 250W to1000W Audio Power Supply
IRAUDPS1 IRF-IRAUDPS1_15 Datasheet
1Mb / 35P
   12V System Scalable 250W to1000W Audio Power Supply
More results

Similar Description - IRAUDPS3_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com