Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDAMP21 Datasheet(PDF) 5 Page - International Rectifier

Part # IRAUDAMP21
Description  90W/2 x 2 Channel Class D Audio Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP21 Datasheet(HTML) 5 Page - International Rectifier

  IRAUDAMP21 Datasheet HTML 1Page - International Rectifier IRAUDAMP21 Datasheet HTML 2Page - International Rectifier IRAUDAMP21 Datasheet HTML 3Page - International Rectifier IRAUDAMP21 Datasheet HTML 4Page - International Rectifier IRAUDAMP21 Datasheet HTML 5Page - International Rectifier IRAUDAMP21 Datasheet HTML 6Page - International Rectifier IRAUDAMP21 Datasheet HTML 7Page - International Rectifier IRAUDAMP21 Datasheet HTML 8Page - International Rectifier IRAUDAMP21 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.irf.com
Page 5 of 22
IRAUDAMP21 REV 1.0
Connector Description
CH1 IN
J6
Analog input for CH1
CH2 IN
J5
Analog input for CH2
POWER
J7
Positive and negative supply (+B / -B)
CH1 OUT
J3
Output for CH1
CH2 OUT
J4
Output for CH2
EXT CLK
J8
External clock sync
DCP OUT
J9
DC protection relay output
Audio Precision-Setup
IRAUDAMP21 and Audio Precision shall be connected according to the Figure below:
Figure 2
+
-
+
G
-
-
A
B
-
CH1
CH1
AB
Gen
Power Supply
+/- 35V
CH2
+
+
Amp5
+
-
CH2
DB_209_Rev 2.0
4 Ohms
4 Ohms
Audio Precision
Bal inputs
IR4321_DB
+/-18V*
AMP21
* With heatsink Power supply
can go up to +/-22V
2
2


Similar Part No. - IRAUDAMP21

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP21 IRF-IRAUDAMP21 Datasheet
820Kb / 22P
   90W/2廓 x 2 Channel Class D Audio Power Amplifier Using the IR4321
More results

Similar Description - IRAUDAMP21

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP21 IRF-IRAUDAMP21 Datasheet
820Kb / 22P
   90W/2廓 x 2 Channel Class D Audio Power Amplifier Using the IR4321
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Princeton Technology Co...
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
   15W x 2, Class-D Audio Power Amplifier
PT2004 PTC-PT2004 Datasheet
226Kb / 3P
   2.2W x 2 Class-D Audio Power Amplifier
PT2832 PTC-PT2832 Datasheet
309Kb / 5P
   22W x 2, Class-D Audio Power Amplifier
logo
International Rectifier
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
   130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP17 IRF-IRAUDAMP17_15 Datasheet
689Kb / 13P
   100W/4 x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com