Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDAMP17 Datasheet(PDF) 6 Page - International Rectifier

Part # IRAUDAMP17
Description  100W/4 x 2 Channel Class D Audio Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP17 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRAUDAMP17 Datasheet HTML 2Page - International Rectifier IRAUDAMP17 Datasheet HTML 3Page - International Rectifier IRAUDAMP17 Datasheet HTML 4Page - International Rectifier IRAUDAMP17 Datasheet HTML 5Page - International Rectifier IRAUDAMP17 Datasheet HTML 6Page - International Rectifier IRAUDAMP17 Datasheet HTML 7Page - International Rectifier IRAUDAMP17 Datasheet HTML 8Page - International Rectifier IRAUDAMP17 Datasheet HTML 9Page - International Rectifier IRAUDAMP17 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.irf.com
Page 6 of 13
IRAUDAMP17 REV 1.1
Test Conditions:
VBus = 42V(without heatsink)
Input Signal=1 kHz
Load Impedance = 4 ohms
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Blue
Solid
2
Anlr.THD+N Ratio
Left
Ch1 42V 4ohms
1
3
Magenta
Solid
2
Anlr.THD+N Ratio
Left
Ch2 42V 4ohms
0.006
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20m
100
50m
100m
200m
500m
1
2
5
10
20
50
W
THD+N vs Power
Fig 3
Frequency Response
Test Conditions:
VBus = 52V
Set Output = 1V
Load Impedance = 4 ohms
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Blue
Solid
2
Anlr.Level A
Left
Ch1 52V 4ohms
1
2
Magenta
Solid
2
Anlr.Level B
Left
Ch2 52V 4ohms
-10
+4
-8
-6
-4
-2
+0
+2
d
B
r
A
20
200k
50
100
200
500
1k
2k
5k
10k
20k
50k
100k
Hz
Fig 4


Similar Part No. - IRAUDAMP17

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP1 IRF-IRAUDAMP1 Datasheet
3Mb / 22P
   High Power Class D Audio Power Amplifier using IR2011S
IRAUDAMP10 IRF-IRAUDAMP10 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11_15 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
More results

Similar Description - IRAUDAMP17

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP19 IRF-IRAUDAMP19_15 Datasheet
804Kb / 14P
   100W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
   130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP18 IRF-IRAUDAMP18_15 Datasheet
505Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP16 IRF-IRAUDAMP16_15 Datasheet
855Kb / 26P
   70W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com